Electronic Components Datasheet Search
  English  ▼

X  

PESD341DPLR Datasheet(PDF) 4 Page - Texas Instruments

Part # PESD341DPLR
Description  ESD341 1-Channel 짹 30 kV ESD Protection Diode in 0201 Package
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PESD341DPLR Datasheet(HTML) 4 Page - Texas Instruments

  PESD341DPLR Datasheet HTML 1Page - Texas Instruments PESD341DPLR Datasheet HTML 2Page - Texas Instruments PESD341DPLR Datasheet HTML 3Page - Texas Instruments PESD341DPLR Datasheet HTML 4Page - Texas Instruments PESD341DPLR Datasheet HTML 5Page - Texas Instruments PESD341DPLR Datasheet HTML 6Page - Texas Instruments PESD341DPLR Datasheet HTML 7Page - Texas Instruments PESD341DPLR Datasheet HTML 8Page - Texas Instruments PESD341DPLR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
6 Specifications
Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted) (1)
MIN
MAX
UNIT
Peak Pulse (2) (3)
IEC 61000-4-5 power (tp - 8/20 µs)
54
W
IEC 61000-4-5 Current (8/20us)
5.4
A
TA
Ambient Operating Temperature
-40
125
°C
TJ
Junction Temperature
-40
125
°C
Tstg
Storage Temperature
-65
155
°C
(1)
Operation outside the Absolute Maximum Ratings may cause permanent device damage. Absolute maximum ratings do not imply
functional operation of the device at these or any other conditions beyond those listed under Recommended Operating Conditions.
If briefly operating outside the Recommended Operating Conditions but within the Absolute Maximum Ratings, the device may not
sustain damage, but it may not be fully functional. Operating the device in this manner may affect device reliability, functionality,
performance, and shorten the device lifetime.
(2)
Voltages are with respect to GND unless otherwise noted.
(3)
Measured at 25C
6.1 ESD Ratings—JEDEC Specification
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human body model (HBM), per ANSI/ESDA/
JEDEC JS-001
±2500
V
Charged device model (CDM), per JEDEC
specification JS-002
±1000
V
6.2 ESD Ratings—IEC Specification
VALUE
UNIT
V(ESD)
Electrostatic discharge
IEC 61000-4-2 contact discharge
±30000
V
IEC 61000-4-2 air-gap discharge
±30000
Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VIO
Input pin voltage
Pin 1 to 2 or Pin 2 to 1
-3.6
3.6
V
TA
Operating free-air temperature
-40
125
°C
6.3 Thermal Information
THERMAL METRIC (1)
ESD341
UNIT
DPL (X2SON)
2 PINS
RθJA
Junction-to-ambient thermal resistance
356.8
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
208.8
°C/W
RθJB
Junction-to-board thermal resistance
136.2
°C/W
ΨJT
Junction-to-top characterization parameter
3.0
°C/W
ΨJB
Junction-to-board characterization parameter
135.7
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
ESD341
SLVSGV3 – APRIL 2022
www.ti.com
4
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: ESD341



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com