Electronic Components Datasheet Search
  English  ▼

X  

PESD341DPLR Datasheet(PDF) 5 Page - Texas Instruments

Part # PESD341DPLR
Description  ESD341 1-Channel 짹 30 kV ESD Protection Diode in 0201 Package
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PESD341DPLR Datasheet(HTML) 5 Page - Texas Instruments

  PESD341DPLR Datasheet HTML 1Page - Texas Instruments PESD341DPLR Datasheet HTML 2Page - Texas Instruments PESD341DPLR Datasheet HTML 3Page - Texas Instruments PESD341DPLR Datasheet HTML 4Page - Texas Instruments PESD341DPLR Datasheet HTML 5Page - Texas Instruments PESD341DPLR Datasheet HTML 6Page - Texas Instruments PESD341DPLR Datasheet HTML 7Page - Texas Instruments PESD341DPLR Datasheet HTML 8Page - Texas Instruments PESD341DPLR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
6.4 Electrical Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITION
MIN
TYP
MAX UNIT
VRWM Reverse stand-off voltage
Pin 1 to 2 or Pin 2 to 1
3.6
V
VBRF
Break-down voltage,
IIO = 1 mA, Pin 1 to Pin 2
4.7
6.2
7.7
V
VBRR
Break-down voltage
IIO = 1 mA, Pin 2 to Pin 1
-7.7
-6.2
-4.7
V
VHOLD Holding voltage
TLP, Pin 1 to 2 or Pin 2 to 1
6.2
V
VClamp Clamp voltage
IPP = 1 A, TLP, Pin 1 to Pin 2 (1)
6.3
V
IPP = 5 A, TLP, Pin 1 to Pin 2 (1)
7.4
IPP = 16 A, TLP, Pin 1 to Pin 2 (1)
10.2
IPP = 1 A, TLP, Pin 2 to Pin 1 (1)
6.3
IPP = 5 A, TLP, Pin 2 to Pin 1 (1)
7.4
IPP =16 A, TLP, Pin 2 to Pin 1 (1)
10.2
ILEAK
Leakage current
VIO = 3.6V, Pin 1 to 2 or Pin 2 to 1
0.2
100
nA
RDYN
Dynamic resistance
Pin 1 to 2 (2)
0.25
Ω
Pin 2 to 1 (2)
0.25
Ω
CL
Line capacitance
VIO = 0 V; ƒ = 1 MHz, Pin 1 to Pin 2, TA = 25C
0.6
pF
(1)
Transition line pulse with 100 ns width, 10 ns rise time.
(2)
Extraction of RDYN using least squares fit of TLP characteristics between I = 10 A and I = 20 A.
www.ti.com
ESD341
SLVSGV3 – APRIL 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: ESD341



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com