Electronic Components Datasheet Search
  English  ▼

X  

LMK6P Datasheet(PDF) 1 Page - Texas Instruments

Part # LMK6P
Description  LMK6x High-Performance BAW Oscillator
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMK6P Datasheet(HTML) 1 Page - Texas Instruments

  LMK6P Datasheet HTML 1Page - Texas Instruments LMK6P Datasheet HTML 2Page - Texas Instruments LMK6P Datasheet HTML 3Page - Texas Instruments LMK6P Datasheet HTML 4Page - Texas Instruments LMK6P Datasheet HTML 5Page - Texas Instruments LMK6P Datasheet HTML 6Page - Texas Instruments LMK6P Datasheet HTML 7Page - Texas Instruments LMK6P Datasheet HTML 8Page - Texas Instruments LMK6P Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
LMK6x High-Performance BAW Oscillator
1 Features
• Differential and single-ended output, any frequency
within the given range can be supported:
– LMK6P: LVPECL output, 1 – 400 MHz
– LMK6D: LVDS output, 1 – 400 MHz
– LMK6C: LVCMOS output, 1 – 200 MHz
• Ultra-low jitter:
– 100-fs RMS jitter, Fout ≥ 100 MHz, LMK6P/
LMK6D
– 300-fs RMS jitter, Fout ≥ 25 MHz, LMK6C
• ±25-ppm total frequency stability inclusive of all
factors and 10 year aging
• Smallest industry standard package: 2.50 mm ×
2.00 mm (DLF)
– 3.20 mm × 2.50 mm (DLE) also available
• Support extended industrial temperature grade:
– LMK6P/LMK6D: –40°C to 85°C
– LMK6C: –40°C to 105°C
• Integrated LDO for robust supply noise immunity
• < 5-ms start-up time
• Supply voltage options of 1.8 V and 2.5 V – 3.3 V
• Fixed-frequency devices, programmed at the
factory. Short leadtime on new frequencies for
sampling. Contact TI representative.
2 Applications
• High-performance replacement for crystal
oscillators
• 56G/112G PAM4 clocking
• 400G/800G Optical Transport Network and
Coherent Optics
• Network equipment, switches, routers, line cards,
SAN, data centers and baseband units (BBU)
• Test and measurement
• Medical imaging
• Professional audio/video
• FPGA and ASIC clocking
3 Description
Texas Instruments' Bulk-Acoustic Wave (BAW) is
a micro-resonator technology that enables the
integration of high-precision and ultra-low jitter clocks
directly into packages that contain other circuits. BAW
is fully designed and manufactured at TI factories like
other silicon-based fabrication processes.
The LMK6x device is a low jitter, fixed-frequency
oscillator which incorporates the BAW as the
resonator source. With a high-performance fractional
frequency divider, the LMK6x is capable of producing
any frequency within the specified range providing
a single device family for all frequency needs. The
device is factory-programmed per specific operation
mode, including frequency, voltage, output type, and
function pin. Contact a TI representative for additional
frequencies or other options.
The high-performance clocking, mechanical stability,
flexibility and small package options for this device
are designed for reference and core clocks in high-
speed SERDES used in Telecommunications, Data
and Enterprise Network and Industrial applications.
Device Information
PART
NUMBER
OUTPUT
TYPE
PACKAGE(1)
BODY SIZE (NOM)
LMK6C
(DLE)
LVCMOS
VSON (4)
3.20 mm × 2.50 mm
LMK6C
(DLF)
VSON (4)
2.50 mm × 2.00 mm
LMK6P
(DLE)(2)
LVPECL
VSON (6)
3.20 mm × 2.50 mm
LMK6P
(DLF)(2)
VSON (6)
2.50 mm × 2.00 mm
LMK6D
(DLE)(2)
LVDS
VSON (6)
3.20 mm × 2.50 mm
LMK6D
(DLF)(2)
VSON (6)
2.50 mm × 2.00 mm
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
(2)
Product preview.
BAW
VDD
CLK
Control
Logic
Output
Divider
EN
Memory
GND
Power
Conditioning
LMK6x Simplified Block Diagram
LMK6P, LMK6D, LMK6C
SNAS826 – APRIL 2022
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. ADVANCE INFORMATION for preproduction products; subject to change
without notice.


Similar Part No. - LMK6P

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMK6P TI-LMK6P Datasheet
3Mb / 45P
LMK6x High-Performance BAW Oscillator
REVISED JULY 2022
LMK6P TI-LMK6P Datasheet
3Mb / 51P
LMK6x Low Jitter, High-Performance BAW Oscillator
REVISED DECEMBER 2022
LMK6P TI-LMK6P Datasheet
3Mb / 56P
LMK6x Low Jitter, High-Performance BAW Oscillator
REVISED FEBRUARY 2023
LMK6P TI-LMK6P Datasheet
3Mb / 56P
LMK6x Low Jitter, High-Performance BAW Oscillator
REVISED FEBRUARY 2023
LMK6P TI-LMK6P Datasheet
3Mb / 59P
LMK6x Low Jitter, High-Performance BAW Oscillator
REVISED FEBRUARY 2023
More results

Similar Description - LMK6P

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMK6C TI-LMK6C Datasheet
3Mb / 45P
LMK6x High-Performance BAW Oscillator
REVISED JULY 2022
LMK6C TI-LMK6C_V01 Datasheet
3Mb / 51P
LMK6x Low Jitter, High-Performance BAW Oscillator
REVISED DECEMBER 2022
LMK6C TI-LMK6C_V02 Datasheet
3Mb / 56P
LMK6x Low Jitter, High-Performance BAW Oscillator
REVISED FEBRUARY 2023
LMK6C TI-LMK6C_V03 Datasheet
3Mb / 56P
LMK6x Low Jitter, High-Performance BAW Oscillator
REVISED FEBRUARY 2023
LMK6C TI-LMK6C_V04 Datasheet
3Mb / 59P
LMK6x Low Jitter, High-Performance BAW Oscillator
REVISED FEBRUARY 2023
LMK6C TI-LMK6C_V05 Datasheet
3Mb / 59P
LMK6x Low Jitter, High-Performance BAW Oscillator
REVISED FEBRUARY 2023
LMK6C TI-LMK6C_V06 Datasheet
3Mb / 62P
LMK6x Low Jitter, High-Performance BAW Oscillator
REVISED FEBRUARY 2023
LMK6C TI-LMK6C_V07 Datasheet
5Mb / 65P
LMK6x Low Jitter, High-Performance BAW Oscillator
REVISED FEBRUARY 2023
LMK6C TI-LMK6C_V08 Datasheet
5Mb / 71P
LMK6x Low Jitter, High-Performance BAW Oscillator
REVISED FEBRUARY 2023
LMK6C TI-LMK6C_V09 Datasheet
5Mb / 70P
LMK6x Low Jitter, High-Performance BAW Oscillator
REVISED FEBRUARY 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com