Electronic Components Datasheet Search
  English  ▼

X  

PCMD3140 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # PCMD3140
Description  PCMD3140-Q1 Quad-Channel, PDM Input to TDM or I2S Output Converter
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCMD3140 Datasheet(HTML) 2 Page - Texas Instruments

  PCMD3140 Datasheet HTML 1Page - Texas Instruments PCMD3140 Datasheet HTML 2Page - Texas Instruments PCMD3140 Datasheet HTML 3Page - Texas Instruments PCMD3140 Datasheet HTML 4Page - Texas Instruments PCMD3140 Datasheet HTML 5Page - Texas Instruments PCMD3140 Datasheet HTML 6Page - Texas Instruments PCMD3140 Datasheet HTML 7Page - Texas Instruments PCMD3140 Datasheet HTML 8Page - Texas Instruments PCMD3140 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 111 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Revision History.............................................................. 2
5 Pin Configuration and Functions...................................3
6 Specifications.................................................................. 4
6.1 Absolute Maximum Ratings........................................ 4
6.2 ESD Ratings............................................................... 4
6.3 Recommended Operating Conditions.........................5
6.4 Thermal Information....................................................5
6.5 Electrical Characteristics.............................................6
6.6 Timing Requirements: I2C Interface............................8
6.7 Switching Characteristics: I2C Interface......................9
6.8 Timing Requirements: TDM, I2S or LJ Interface......... 9
6.9 Switching Characteristics: TDM, I2S or LJ
Interface........................................................................ 9
Timing Requirements: PDM Digital Microphone
Interface...................................................................... 10
6.10 Switching Characteristics: PDM Digial
Microphone Interface...................................................10
6.11 Timing Diagrams..................................................... 10
6.12 Typical Characteristics............................................ 12
7 Detailed Description......................................................15
7.1 Overview................................................................... 15
7.2 Functional Block Diagram......................................... 16
7.3 Feature Description...................................................16
7.4 Device Functional Modes..........................................49
7.5 Programming............................................................ 50
7.6 Register Maps...........................................................53
8 Application and Implementation.................................. 92
8.1 Application Information............................................. 92
8.2 Typical Application.................................................... 92
8.3 What to Do and What Not to Do............................... 95
9 Section 7.4Power Supply Recommendations..............96
10 Layout...........................................................................99
10.1 Layout Guidelines................................................... 99
10.2 Layout Example...................................................... 99
11 Device and Documentation Support........................100
11.1 Documentation Support........................................ 100
11.2 Receiving Notification of Documentation Updates 100
11.3 Support Resources............................................... 100
11.4 Trademarks........................................................... 100
11.5 Electrostatic Discharge Caution............................ 100
11.6 Glossary................................................................ 100
12 Mechanical, Packaging, and Orderable
Information.................................................................. 100
12.1 Tape and Reel Information....................................104
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision * (December 2020) to Revision A (June 2021)
Page
• Changed document status from advance information to production data.......................................................... 1
PCMD3140-Q1
SBASAH3 – APRIL 2022
www.ti.com
2
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: PCMD3140-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com