Electronic Components Datasheet Search
  English  ▼

X  

PCMD3140 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # PCMD3140
Description  PCMD3140-Q1 Quad-Channel, PDM Input to TDM or I2S Output Converter
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCMD3140 Datasheet(HTML) 21 Page - Texas Instruments

Back Button PCMD3140 Datasheet HTML 17Page - Texas Instruments PCMD3140 Datasheet HTML 18Page - Texas Instruments PCMD3140 Datasheet HTML 19Page - Texas Instruments PCMD3140 Datasheet HTML 20Page - Texas Instruments PCMD3140 Datasheet HTML 21Page - Texas Instruments PCMD3140 Datasheet HTML 22Page - Texas Instruments PCMD3140 Datasheet HTML 23Page - Texas Instruments PCMD3140 Datasheet HTML 24Page - Texas Instruments PCMD3140 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 111 page
background image
1
0
N-1
N-1
N-2
1
0
Left
Slot-0
(Word Length : N)
Left
Slot-2 to Slot-3
(Word Length : N)
1
0
N-1
BCLK
SDOUT
n
th Sample
(n+1)
th Sample
1
0
N-1
N-1
1
0
Right
Slot-0
(Word Length : N)
Right
Slot-2 to Slot-3
(Word Length : N)
Left
Slot-0
(Word Length : N)
TX_OFFSET = 2
TX_OFFSET = 2
TX_OFFSET = 2
FSYNC
Figure 7-10. LJ Protocol Timing (TX_OFFSET = 2)
1
0
N-1
N-2
N-1
N-2
0
N-1
Left
Slot-1 to Slot-3
(Word Length : N)
1
0
N-1
N-2
BCLK
SDOUT
n
th Sample
(n+1)
th Sample
1
0
N-1
0
N-1
1
0
Right
Slot-1 to Slot-3
(Word Length : N)
Left
Slot-0
(Word Length : N)
1
0
0
N-1
N-2
FSYNC
Figure 7-11. LJ Protocol Timing (No Idle BCLK Cycles, TX_OFFSET = 0)
1
0
N-1
N-2
N-1
N-2
1
0
Left
Slot-0
(Word Length : N)
Left
Slot-2 to Slot-3
(Word Length : N)
1
0
N-1
N-2
BCLK
SDOUT
n
th Sample
(n+1)
th Sample
1
0
N-1
N-1
N-2
1
0
Right
Slot-0
(Word Length : N)
Right
Slot-2 to Slot-3
(Word Length : N)
Left
Slot-0
(Word Length : N)
FSYNC
TX_OFFSET = 1
TX_OFFSET = 1
TX_OFFSET = 1
Figure 7-12. LJ Protocol Timing (TX_OFFSET = 1 and BCLK_POL = 1)
For proper operation of the audio bus in LJ mode, the number of bit clocks per frame must be greater than or
equal to the number of active output channels (including left and right slots) times the programmed word length
of the output channel data. The device FSYNC high pulse must be a number of BCLK cycles wide that is greater
than or equal to the number of active left slots times the data word length configured. Similarly, the FSYNC low
pulse must be number of BCLK cycles wide that is greater than or equal to the number of active right slots times
the data word length configured. For a higher BCLK frequency operation, using LJ mode with a TX_OFFSET
value higher than 0 is recommended.
www.ti.com
PCMD3140-Q1
SBASAH3 – APRIL 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: PCMD3140-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com