Electronic Components Datasheet Search
  English  ▼

X  

TLVM13660 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TLVM13660
Description  TLVM13640 High-Density, 3-V to 36-V Input, 1-V to 6-V Output, 4-A Synchronous Buck DC/DC Power Module With Enhanced HotRod??QFN Package
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLVM13660 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLVM13660 Datasheet HTML 3Page - Texas Instruments TLVM13660 Datasheet HTML 4Page - Texas Instruments TLVM13660 Datasheet HTML 5Page - Texas Instruments TLVM13660 Datasheet HTML 6Page - Texas Instruments TLVM13660 Datasheet HTML 7Page - Texas Instruments TLVM13660 Datasheet HTML 8Page - Texas Instruments TLVM13660 Datasheet HTML 9Page - Texas Instruments TLVM13660 Datasheet HTML 10Page - Texas Instruments TLVM13660 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
7.5 Electrical Characteristics
Limits apply over TJ = –40°C to 125°C, VIN = 24 V, VOUT = 3.3 V, VLDOIN = 5 V, FSW = 800 kHz (unless otherwise noted).
Minimum and maximum limits are specified through production test or by design. Typical values represent the most likely
parametric norm and are provided for reference only.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY VOLTAGE
VIN
Input operating voltage range
Needed to start up (over the IOUT range)
3.95
36
V
Once operating (over the IOUT range)
3
36
V
VIN_HYS
Hysteresis(1)
1
V
IQ_VIN
Input operating quiescent current (non-switching)
TA = 25°C, VEN = 3.3 V, VFB = 1.5 V
7
µA
ISDN_VIN
VIN shutdown quiescent current
VEN = 0 V, TA = 25°C
1
µA
ENABLE
VEN_RISE
EN voltage rising threshold
1.161
1.263
1.365
V
VEN_FALL
EN voltage falling threshold
0.91
V
VEN_HYS
EN voltage hysteresis
0.303
0.353
0.404
V
VEN_WAKE
EN wake-up threshold
0.4
V
IEN
Input current into EN (non-switching)
VEN = 3.3 V, VFB = 1.5 V
10
nA
tEN
EN high to start of switching delay(1)
0.7
ms
VCC INTERNAL LDO
VCC
Internal LDO VCC voltage
3.4 V ≤ VVLDOIN ≤ 12.5 V
3.3
V
VVLDOIN = 3.1 V, non-switching
3.1
V
VCC_UVLO
VCC UVLO rising threshold
VVLDOIN < 3.1 V(1)
3.6
V
VIN < 3.6 V(2)
3.6
V
VCC_UVLO_HYS VCC UVLO hysteresis(2)
Hysteresis below VCC_UVLO
1.1
V
IVLDOIN
Input current into VLDOIN pin (non-switching)(3)
VEN = 3.3 V, VFB = 1.5 V
25
31
µA
FEEDBACK
VOUT
Adjustable output voltage range
Over the IOUT range
1
6
V
VFB
Feedback voltage
TA = 25°C, IOUT = 0 A
1.0
V
VFB_ACC
Feedback voltage accuracy
Over the VIN range, VOUT = 1 V, IOUT = 0
A, FSW = 200 kHz
–1%
+1%
VFB
Load regulation
TA = 25°C, 0 A ≤ IOUT ≤ 6 A
0.1%
VFB
Line regulation
TA = 25°C, IOUT = 0 A, 4 V ≤ VIN ≤ 36 V
0.1%
IFB
Input current into FB
VFB = 1 V
10
nA
CURRENT
IOUT
Output current
TA = 25°C
0
4
A
IOCL
Output overcurrent (DC) limit threshold
5.9
A
IL_HS
High-side switch current limit
Duty cycle approaches 0%
6.0
7.0
8.1
A
IL_LS
Low-side switch current limit
4.0
4.8
5.4
A
IL_NEG
Negative current limit
–3
A
VHICCUP
Ratio of FB voltage to in-regulation FB voltage to
enter hiccup
Not during soft start
40%
tW
Short circuit wait time ("hiccup" time before soft start)
(1)
80
ms
SOFT START
tSS
Time from first SW pulse to VFB at 90%
VIN ≥ 4.2 V
3.5
5
7
ms
tSS2
Time from first SW pulse to release of FPWM lockout
if output not in regulation(1)
VIN ≥ 4.2 V
9.5
13
17
ms
POWER GOOD
PGOV
PG upper threshold – rising
% of VOUT setting
105%
107%
110%
PGUV
PG lower threshold – falling
% of VOUT setting
92%
94%
96.5%
PGHYS
PG threshold hysteresis (rising and falling)
% of VOUT setting
1.3%
VIN_PG_VALID
Input voltage for valid PG output
46-μA pullup, VEN = 0 V
1.0
V
VPG_LOW
PG low-level output voltage
2-mA pullup to PG pin, VEN = 3.3 V
0.4
V
www.ti.com
TLVM13640
SLVSGJ7 – APRIL 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: TLVM13640



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com