Electronic Components Datasheet Search
  English  ▼

X  

TLVM13660 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TLVM13660
Description  TLVM13640 High-Density, 3-V to 36-V Input, 1-V to 6-V Output, 4-A Synchronous Buck DC/DC Power Module With Enhanced HotRod??QFN Package
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLVM13660 Datasheet(HTML) 1 Page - Texas Instruments

  TLVM13660 Datasheet HTML 1Page - Texas Instruments TLVM13660 Datasheet HTML 2Page - Texas Instruments TLVM13660 Datasheet HTML 3Page - Texas Instruments TLVM13660 Datasheet HTML 4Page - Texas Instruments TLVM13660 Datasheet HTML 5Page - Texas Instruments TLVM13660 Datasheet HTML 6Page - Texas Instruments TLVM13660 Datasheet HTML 7Page - Texas Instruments TLVM13660 Datasheet HTML 8Page - Texas Instruments TLVM13660 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
TLVM13640 High-Density, 3-V to 36-V Input, 1-V to 6-V Output, 4-A Synchronous Buck
DC/DC Power Module With Enhanced HotRod™ QFN Package
1 Features
• Versatile synchronous buck DC/DC power module
– Integrated MOSFETs, inductor, and controller
– Wide input voltage range of 3 V to 36 V
– Adjustable output voltage from 1 V to 6 V with
1% setpoint accuracy over temperature
– 5.0-mm × 5.5-mm × 4-mm overmolded package
– –40°C to 125°C junction temperature range
– Frequency adjustable from 200 kHz to 2.2 MHz
– Negative output voltage capability
• Ultra-high efficiency across the full load range
– 95%+ peak efficiency
– External bias option for improved efficiency
– Shutdown quiescent current of 0.6 µA (typical)
– 0.5-V typical dropout voltage at 4-A load
• Ultra-low conducted and radiated EMI signatures
– Low-noise package with dual input paths and
integrated capacitors reduces switch ringing
– Resistor-adjustable switch-node slew rate
– Constant-frequency FPWM mode of operation
– Meets CISPR 11 and 32 class B emissions
• Suitable for scalable power supplies
– Pin compatible with the TLVM13660 (36 V, 6 A)
• Inherent protection features for robust design
– Precision enable input and open-drain PGOOD
indicator for sequencing, control, and VIN UVLO
– Overcurrent and thermal shutdown protections
• Create a custom design using the TLVM13640 with
the WEBENCH® Power Designer
2 Applications
• Test and measurement, aerospace and defense
• Factory automation and control
• Buck and inverting buck-boost power supplies
3 Description
Deriving from a family of synchronous buck modules,
the TLVM13640 is a highly integrated 36-V, 4-A
DC/DC solution that combines power MOSFETs, a
shielded inductor, and passives in an Enhanced
HotRod™ QFN package. The module has VIN and
VOUT pins located at the corners of the package
for optimized input and output capacitor placement.
Four larger thermal pads beneath the module enable
a simple layout and easy handling in manufacturing.
With an output voltage range from 1 V to 6 V,
the TLVM13640 is designed to quickly and easily
implement a low-EMI design in a small PCB footprint.
The total solution requires as few as four external
components and eliminates the magnetics and
compensation part selection from the design process.
Although designed for small size and simplicity
in space-constrained applications, the TLVM13640
module offers many features for robust performance:
precision enable with hysteresis for adjustable
input-voltage UVLO, resistor-programmable switch
node slew rate for improved EMI, integrated VCC,
bootstrap, and input capacitors for increased reliability
and higher density, constant switching frequency over
the full load current range, negative output voltage
capability, and a PGOOD indicator for sequencing,
fault protection, and output voltage monitoring.
Device Information
PART NUMBER
PACKAGE(1)
BODY SIZE (NOM)
TLVM13640
B3QFN (20)
5.0 mm × 5.5 mm
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
PG
EN
RT
PGND
AGND
VOUT1
FB
VIN1
COUT
RFBB
TLVM13640
RRT
IOUT(max) = 4 A
VIN = 3 V...36 V
RPG
VCC
VOUT = 5 V
CIN
VOUT2
RFBT
* VOUT enters dropout
if VIN < 5.8 V
VIN2
VLDOIN
CBOOT
RBOOT
Typical Schematic
Output Current (A)
0
1
2
3
4
70
75
80
85
90
95
100
VIN = 12 V
VIN = 24 V
VIN = 36 V
Typical Efficiency, VOUT = 5 V, FSW = 1 MHz
TLVM13640
SLVSGJ7 – APRIL 2022
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TLVM13660

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLVM13660 TI-TLVM13660 Datasheet
2Mb / 40P
TLVM13660 High-Density, 3-V to 36-V Input, 1-V to 6-V Output, 6-A Synchronous Buck DC/DC Power Module With Enhanced HotRod??QFN Package
APRIL 2022
TLVM13660 TI2-TLVM13660 Datasheet
3Mb / 43P
TLVM13630 High-Density, 3-V to 36-V Input, 1-V to 6-V Output, 3-A Power Module With Enhanced HotRod™ QFN Package
REVISED JANUARY 2022
TLVM13660 TI2-TLVM13660 Datasheet
3Mb / 43P
TLVM13630 High-Density, 3-V to 36-V Input, 1-V to 6-V Output, 3-A Power Module With Enhanced HotRod™ QFN Package
REVISED JANUARY 2022
TLVM13660RDLR TI-TLVM13660RDLR Datasheet
2Mb / 40P
TLVM13660 High-Density, 3-V to 36-V Input, 1-V to 6-V Output, 6-A Synchronous Buck DC/DC Power Module With Enhanced HotRod??QFN Package
APRIL 2022
More results

Similar Description - TLVM13660

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPSM5601R5 TI-TPSM5601R5 Datasheet
2Mb / 33P
TPSM5601R5, 60-V Input, 1-V to 6-V Output, 1.5-A Power Module in an Enhanced HotRod??QFN Package
SEPTEMBER 2021
TPSM63606 TI-TPSM63606 Datasheet
2Mb / 38P
TPSM63606 High-Density, 3-V to 36-V Input, 1-V to 16-V Output, 6-A Power Module With Enhanced HotRod??QFN Package
OCTOBER 2021
TLVM13630 TI-TLVM13630_V01 Datasheet
3Mb / 44P
TLVM13630 High-Density, 3-V to 36-V Input, 1-V to 6-V Output, 3-A Power Module With Enhanced HotRod??QFN Package
JANUARY 2022
TLVM13660 TI-TLVM13660 Datasheet
2Mb / 40P
TLVM13660 High-Density, 3-V to 36-V Input, 1-V to 6-V Output, 6-A Synchronous Buck DC/DC Power Module With Enhanced HotRod??QFN Package
APRIL 2022
TPSM63602 TI-TPSM63602 Datasheet
3Mb / 44P
TPSM63602 High-Density, 3-V to 36-V Input, 1-V to 16-V Output, 2-A Power Module With Enhanced HotRod??QFN Package
APRIL 2022
TPSM63603 TI-TPSM63603_V01 Datasheet
3Mb / 47P
TPSM63603 High-Density, 3-V to 36-V Input, 1-V to 16-V Output, 3-A Power Module With Enhanced HotRod??QFN Package
NOVEMBER 2021
TPSM63610 TI-TPSM63610 Datasheet
1Mb / 38P
TPSM63610 High-Density, 3-V to 36-V Input, 1-V to 20-V Output, 8-A (10-A Peak) Synchronous Buck DC/DC Power Module With Enhanced HotRod™ QFN Package
NOVEMBER 2022
TPSM33625 TI-TPSM33625 Datasheet
1Mb / 42P
TPSM33625, 3-V to 36-V Input, 1-V to 15-V Output, 2.5-A Synchronous Buck Converter Power Module in a HotRod™ QFN Package
DECEMBER 2022
TLVM23625 TI1-TLVM23625 Datasheet
2Mb / 49P
TLVM236x5, 3-V to 36-V Input, 1-V to 6-V Output, 1.5-A, 2.5-A Synchronous Buck Converter Power Module in a HotRod™ QFN Package
FEBRUARY 2023
TLVM13610 TI-TLVM13610 Datasheet
1Mb / 35P
TLVM13610 High-Density, 3-V to 36-V Input, 1-V to 10-V Output, 8-A (10-A Peak) Synchronous Buck DC/DC Power Module with Enhanced HotRod™ QFN Package
FEBRUARY 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com