Electronic Components Datasheet Search
  English  ▼

X  

TLVM13660 Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # TLVM13660
Description  TLVM13660 High-Density, 3-V to 36-V Input, 1-V to 6-V Output, 6-A Synchronous Buck DC/DC Power Module With Enhanced HotRod??QFN Package
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLVM13660 Datasheet(HTML) 39 Page - Texas Instruments

Back Button TLVM13660 Datasheet HTML 32Page - Texas Instruments TLVM13660 Datasheet HTML 33Page - Texas Instruments TLVM13660 Datasheet HTML 34Page - Texas Instruments TLVM13660 Datasheet HTML 35Page - Texas Instruments TLVM13660 Datasheet HTML 36Page - Texas Instruments TLVM13660 Datasheet HTML 37Page - Texas Instruments TLVM13660 Datasheet HTML 38Page - Texas Instruments TLVM13660 Datasheet HTML 39Page - Texas Instruments TLVM13660 Datasheet HTML 40Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 39 / 40 page
background image
EXAMPLE STENCIL DESIGN
4226416/B 04/2021
www.ti.com
B3QFN - 4.1 mm max height
RDL0020A
PLASTIC QUAD FLAT PACK- NO LEAD
SOLDER PASTE EXAMPLE
BASED ON 0.125 mm THICK STENCIL
EXPOSED PAD 17,18, 19 & 20 :
91% PRINTED SOLDER COVERAGE BY AREA
SCALE: 15X
NOTES: (continued)
6. Laser cutting apertures with trapezoidal walls and rounded corners may offer better paste release. IPC-7525 may have alternate
design recommendations.
1
PKG
4X (1.35)
4X (0.45)
10X (0.2)
10X (0.85)
10X (0.5)
(R0.05) TYP
(4.5)
(4)
2X (0.875)
2X (0.925)
(1.075) TYP
2X (0.538)
PKG
16
8
9
20
19
18
17
4X (1.53)
4X (0.825)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com