Electronic Components Datasheet Search
  English  ▼

X  

TLVM13660 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # TLVM13660
Description  TLVM13660 High-Density, 3-V to 36-V Input, 1-V to 6-V Output, 6-A Synchronous Buck DC/DC Power Module With Enhanced HotRod??QFN Package
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLVM13660 Datasheet(HTML) 23 Page - Texas Instruments

Back Button TLVM13660 Datasheet HTML 19Page - Texas Instruments TLVM13660 Datasheet HTML 20Page - Texas Instruments TLVM13660 Datasheet HTML 21Page - Texas Instruments TLVM13660 Datasheet HTML 22Page - Texas Instruments TLVM13660 Datasheet HTML 23Page - Texas Instruments TLVM13660 Datasheet HTML 24Page - Texas Instruments TLVM13660 Datasheet HTML 25Page - Texas Instruments TLVM13660 Datasheet HTML 26Page - Texas Instruments TLVM13660 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 40 page
background image
9.2.1.3 Application Curves
Unless otherwise indicated, VIN = 24 V, VOUT = 5 V, IOUT = 6 A (0.83-Ω resistive load), and FSW = 1 MHz.
Output Current (A)
0
1
2
3
4
5
6
70
75
80
85
90
95
100
VIN = 12 V
VIN = 24 V
VIN = 36 V
Figure 9-2. Efficiency
Output Current (A)
0
1
2
3
4
5
6
4.95
4.975
5
5.025
5.05
VIN = 12 V
VIN = 24 V
VIN = 36 V
Figure 9-3. Load Regulation
VIN 5 V/DIV
VOUT 5 V/DIV
4 ms/DIV
PG 5 V/DIV
Figure 9-4. Start-Up, VIN Stepped to 12 V
VOUT 5 V/DIV
PG 5 V/DIV
4 ms/DIV
EN 2 V/DIV
Figure 9-5. Enable ON and OFF, VIN = 12 V
IOUT 2 A/DIV
VOUT 0.1 V/DIV
80
s/DIV
Figure 9-6. Load Transient, 3 A to 6 A, 1 A/µs
IOUT 2 A/DIV
VOUT 0.1 V/DIV
80
s/DIV
Figure 9-7. Load Transient, 0 A to 3 A, 1 A/µs
www.ti.com
TLVM13660
SLVSGJ6 – APRIL 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: TLVM13660



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com