Electronic Components Datasheet Search
  English  ▼

X  

UT2306-3.3V Datasheet(PDF) 16 Page - Unisonic Technologies

Part # UT2306-3.3V
Description  LINEAR INTEGRATED CIRCUIT
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT2306-3.3V Datasheet(HTML) 16 Page - Unisonic Technologies

Back Button UT2306-3.3V Datasheet HTML 11Page - Unisonic Technologies UT2306-3.3V Datasheet HTML 12Page - Unisonic Technologies UT2306-3.3V Datasheet HTML 13Page - Unisonic Technologies UT2306-3.3V Datasheet HTML 14Page - Unisonic Technologies UT2306-3.3V Datasheet HTML 15Page - Unisonic Technologies UT2306-3.3V Datasheet HTML 16Page - Unisonic Technologies UT2306-3.3V Datasheet HTML 17Page - Unisonic Technologies UT2306-3.3V Datasheet HTML 18Page - Unisonic Technologies UT2306-3.3V Datasheet HTML 19Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
UTCUT2306/UT2306-3.3V/UT2306-5.0V
LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO., LTD.
16
QW-R103-029,A
+
+
VIN
SW
FB
ILIM
GND
110K
1%
47μF
10μF
35V
VOLTAGE ADJUST 1kHz PWM INPUT 0V TO 5V
1M
1%
Negative LCD Bias Generator
L1*
10μH
2 CELLS
22K
90.9K
1%
3.3μF
1000
pF
1μF
CERAMIC
-VOUT
-14V TO -22V
1mA TO 10mA
EFFICIENCY =70% TO 75% AT
ILOAD≧2mA
+
1.69M
1%
UT2306
MBR0530
MBR0530
MBR0530
+
VIN
SW
FB
ILIM
GND
47μF
1μF
200V
1/2 BAW56
Electroluminescent Panel Driver with 200Hz Oscillator
VIN
2V TO 7V
5V=OPERATE
0V=SHUTDOWN
SHDN
200Hz
22K
10M
(3.3M*3)
EL PANEL
CPANEL≦ 20nF
MUR160
600V
NC
LBO
LBI
+
1
3
4
6
22K
22K
51K
50K
INTENSITY
ADJUST
1/2 BAW56
0.01μF
1nF
22K
22K
75K
3.3K
UT2306
FMMT458
2N3906
MBR0530
1:12
D A N
G E R
I H I G
H
VO L
T A G
E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com