Electronic Components Datasheet Search
  English  ▼

X  

UT2306-3.3V Datasheet(PDF) 14 Page - Unisonic Technologies

Part # UT2306-3.3V
Description  LINEAR INTEGRATED CIRCUIT
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT2306-3.3V Datasheet(HTML) 14 Page - Unisonic Technologies

Back Button UT2306-3.3V Datasheet HTML 10Page - Unisonic Technologies UT2306-3.3V Datasheet HTML 11Page - Unisonic Technologies UT2306-3.3V Datasheet HTML 12Page - Unisonic Technologies UT2306-3.3V Datasheet HTML 13Page - Unisonic Technologies UT2306-3.3V Datasheet HTML 14Page - Unisonic Technologies UT2306-3.3V Datasheet HTML 15Page - Unisonic Technologies UT2306-3.3V Datasheet HTML 16Page - Unisonic Technologies UT2306-3.3V Datasheet HTML 17Page - Unisonic Technologies UT2306-3.3V Datasheet HTML 18Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
UTCUT2306/UT2306-3.3V/UT2306-5.0V
LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO., LTD.
14
QW-R103-029,A
+
V IN
SW
SENSE
ILIM
SHDN
GND
C1
100μF
3.3V
300mA
2 CELLS
L1
22μH
UT2306-3.3
C2
100
μ
F
10V
+
MBRS130L
SHUTDOWN NC
2-Cell to 3.3V Boost Converter
90
Load Current (mA)
2-Cell to 3.3V ConverterEfficiency
1
10
100
1000
0.1
80
70
60
50
40
30
VIN=3.3V
VIN=2.5V
VIN=1.8V
+
VIN
SW
SENSE
I LIM
SHDN
GND
C2
47μF
16V
3.3V
300mA
L1A
UT2306-3.3
C3
100μF
10V
+
MBRS130L
SHUTDOWN
N
C
21
4
3
C1
1μ F
L1B
*
VIN
2.5V TO 8V
80
Load Current (mA)
3.3V SEPIC Efficiency
1
10
100
500
75
70
65
60
55
50
VIN=4.5V
VIN=3.5V
VIN=2.5V
3.3V SEPIC Efficiency(Step-Up/Step-Down Converter)
+
V IN
SW
SENSE
I LIM
SHDN
GND
47μF
16V
5V
200mA
L1A
UT2306-5.0
100 μF
10V
+
MBRS130L
SHUTDOWN
NC
21
4
3
C1
1μF
L1B
VIN
3V TO 8V
80
Load Current (mA)
5V SEPIC Efficiency
1
10
100
500
75
70
65
60
55
50
VIN=6V
VIN=4V
VIN=3V
VIN=5V
5V SPEC (Step-Up/Step-Down Converter)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com