Electronic Components Datasheet Search
  English  ▼

X  

MSE07PB Datasheet(PDF) 2 Page - Vishay Siliconix

Part # MSE07PB
Description  Surface-Mount ESD Capability Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MSE07PB Datasheet(HTML) 2 Page - Vishay Siliconix

  MSE07PB Datasheet HTML 1Page - Vishay Siliconix MSE07PB Datasheet HTML 2Page - Vishay Siliconix MSE07PB Datasheet HTML 3Page - Vishay Siliconix MSE07PB Datasheet HTML 4Page - Vishay Siliconix MSE07PB Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MSE07PB, MSE07PD, MSE07PG, MSE07PJ
www.vishay.com
Vishay General Semiconductor
Revision: 04-Aug-2020
2
Document Number: 87795
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
(1) Pulse test: 300 μs pulse width, 1 % duty cycle
(2) Pulse test: Pulse width
 40 ms
Note
(1) Thermal resistance from junction to ambient and junction to lead mounted on PCB with 6.0 mm x 6.0 mm copper pad areas. RJL is measured
at the terminal of cathode band.
Note
(1) AEC-Q101 qualified
ELECTRICAL CHARACTERISTICS (TA = 25 °C, unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
TYP.
MAX.
UNIT
Instantaneous forward voltage
IF = 0.7 A
TA = 25 °C
VF (1)
0.94
1.08
V
TA = 125 °C
0.83
0.95
Reverse current
Rated VR
TA = 25 °C
IR (2)
-1.0
μA
TA = 125 °C
3.7
50
Typical reverse recovery time
IF = 0.5 A, IR = 1.0 A, Irr = 0.25 A
trr
780
-
ns
Typical junction capacitance
4.0 V, 1 MHz
CJ
5-
pF
THERMAL CHARACTERISTICS (TA = 25 °C, unless otherwise noted)
PARAMETER
SYMBOL
MSE07PB
MSE07PD
MSE07PG
MSE07PJ
UNIT
Typical thermal resistance
RJA (1)
110
°C/W
RJL (1)
30
RJC (1)
40
IMMUNITY TO ELECTRICAL STATIC DISCHARGE TO THE FOLLOWING STANDARDS
(TA = 25 °C, unless otherwise noted)
STANDARD
TEST TYPE
TEST CONDITIONS
SYMBOL
CLASS
VALUE
AEC-Q101-001
Human body model (contact mode)
C = 100 pF, R = 1.5 k
VC
H3B
> 8 kV
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT
(g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
MSE07PJ-M3/89A
0.006
89A
4500
7" diameter plastic tape and reel
MSE07PJHM3/89A (1)
0.006
89A
4500
7" diameter plastic tape and reel



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com