Electronic Components Datasheet Search
  English  ▼

X  

MSE07PB Datasheet(PDF) 3 Page - Vishay Siliconix

Part # MSE07PB
Description  Surface-Mount ESD Capability Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MSE07PB Datasheet(HTML) 3 Page - Vishay Siliconix

  MSE07PB Datasheet HTML 1Page - Vishay Siliconix MSE07PB Datasheet HTML 2Page - Vishay Siliconix MSE07PB Datasheet HTML 3Page - Vishay Siliconix MSE07PB Datasheet HTML 4Page - Vishay Siliconix MSE07PB Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MSE07PB, MSE07PD, MSE07PG, MSE07PJ
www.vishay.com
Vishay General Semiconductor
Revision: 04-Aug-2020
3
Document Number: 87795
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
RATINGS AND CHARACTERISTICS CURVES (TA = 25 °C unless otherwise noted)
Fig. 1 - Forward Current Derating Curve
Fig. 2 - Forward Power Loss Characteristics
Fig. 3 - Typical Instantaneous Forward Characteristics
Fig. 4 - Typical Reverse Leakage Characteristics
Fig. 5 - Typical Junction Capacitance
Fig. 6 - Typical Transient Thermal Impedance
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0
255075
100
125
175
150
Lead Temperature (°C)
T
L measured at the cathode band
terminal PCB mount
R
thJL = 30 °C/W
0
0
0.1
0.1
0.2
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.3
0.4
0.5
0.6
0.7
0.8
Average Forward Current (A)
D = t
p/T
t
p
T
D = 0.1
D = 0.2
D = 0.3
D = 0.5
D = 0.8
D = 1.0
0.01
0.1
1
10
0
0.4
0.8
1.2
1.6
2.0
2.4
Instantaneous Forward Voltage (V)
T
J = -40 °C
T
J = 150 °C
T
J = 25 °C
T
J = 175 °C
T
J = 50 °C
T
J = 75 °C
T
J = 100 °C
T
J = 125 °C
10
100
1000
10000
0.0001
0.001
0.01
0.1
1
10
100
10
20
30
40
50
60
70
80
90
100
Axis Title
Percent of Rated Peak Reverse Voltage (%)
T
J = 150 °C
T
J = 175 °C
T
J = 25 °C
T
J = -40 °C
T
J = 100 °C
T
J = 75 °C
T
J = 125 °C
Reverse Voltage (V)
10
1
0.1
1
10
100
t - Pulse Duration (s)
1000
1
0.01
1
10
1000
100
0.1
100
10
Junction to Ambient



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com