Electronic Components Datasheet Search
  English  ▼

X  

DP8307A Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8307A
Description  DP8307A 8-Bit TRI-STATE-R Bidirectional Transceiver (Inverting)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8307A Datasheet(HTML) 3 Page - National Semiconductor (TI)

  DP8307A Datasheet HTML 1Page - National Semiconductor (TI) DP8307A Datasheet HTML 2Page - National Semiconductor (TI) DP8307A Datasheet HTML 3Page - National Semiconductor (TI) DP8307A Datasheet HTML 4Page - National Semiconductor (TI) DP8307A Datasheet HTML 5Page - National Semiconductor (TI) DP8307A Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
DC Electrical Characteristics (Notes 2 and 3) (Continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
CONTROL INPUTS T R
VIH
Logical ‘‘1’’ Input Voltage
20
V
VIL
Logical ‘‘0’’ Input Voltage
07
V
IIH
Logical ‘‘1’’ Input Current
VIH e 27V
05
20
m
A
II
Maximum Input Current
VCC e Max VIH e 525V
10
mA
IIL
Logical ‘‘0’’ Input Current
VIL e 04V
R
b
01
b
025
mA
T
b
025
b
05
mA
VCLAMP
Input Clamp Voltage
IIN eb12 mA
b
08
b
15
V
POWER SUPPLY CURRENT
ICC
Power Supply Current
T e R e 20V VIN e 20V VCC e Max
70
100
mA
T e 04V VINA e R e 2V VCC e Max
100
150
mA
AC Electrical Characteristics VCC e 5V TA e 25 C
Symbol
Parameter
Conditions
Min
Typ
Max
Units
A PORT DATAMODE SPECIFICATIONS
tPDHLA
Propagation Delay to a Logical ‘‘0’’ from
T e 24V R e 04V
(Figure A)
812
ns
B Port to A Port
R1 e 1k R2 e 5k C1 e 30 pF
tPDLHA
Propagation Delay to a Logical ‘‘1’’ from
T e 24V R e 04V
(Figure A)
11
16
ns
B Port to A Port
R1 e 1k R2 e 5k C1 e 30 pF
tPLZA
Propagation Delay from a Logical ‘‘0’’ to
B0 to B7 e 24V T e 24V
(Figure B)
10
15
ns
TRI-STATE from R to A Port
S3 e 1 R5 e 1k C4 e 15 pF
tPHZA
Propagation Delay from a Logical ‘‘1’’ to
B0 to B7 e 04V T e 24V
(Figure B)
815
ns
TRI-STATE from R to A Port
S3 e 0 R5 e 1k C4 e 15 pF
tPZLA
Propagation Delay from TRI-STATE to
B0 to B7 e 24V T e 24V
(Figure B)
25
35
ns
a Logical ‘‘0’’ from R to A Port
S3 e 1 R5 e 1k C4 e 30 pF
tPZHA
Propagation Delay from TRI-STATE to
B0 to B7 e 04V T e 24V
(Figure B)
24
35
ns
a Logical ‘‘1’’ from R to A Port
S3 e 0 R5 e 5k C4 e 30 pF
B PORT DATAMODE SPECIFICATIONS
tPDHLB
Propagation Delay to a Logical ‘‘0’’ from
T e 04V R e 24V
(Figure A)
A Port to B Port
R1 e 100X R2 e 1k C1 e 300 pF
12
18
ns
R1 e 667X R2 e 5k C1 e 45 pF
8
12
ns
tPDLHB
Propagation Delay to a Logical ‘‘1’’ from
T e 04V R e 24V
(Figure A)
A Port to B Port
R1 e 100X R2 e 1k C1 e 300 pF
15
23
ns
R1 e 667X R2 e 5k C1 e 45 pF
9
14
ns
tPLZB
Propagation Delay from a Logical ‘‘0’’ to
A0 to A7 e 24V R e 24V
(Figure B)
13
18
ns
TRI-STATE from T to B Port
S3 e 1 R5 e 1k C4 e 15 pF
tPHZB
Propagation Delay from a Logical ‘‘1’’ to
A0 to A7 e 04V R e 24V
(Figure B)
815
ns
TRI-STATE from T to B Port
S3 e 0 R5 e 1k C4 e 15 pF
tPZLB
Propagation Delay from TRI-STATE to
A0 to A7 e 24V R e 24V
(Figure B)
a Logical ‘‘0’’ from T to B Port
S3 e 1 R5 e 100X C4 e 300 pF
32
40
ns
S3 e 1 R5 e 667X C4 e 45 pF
18
25
ns
tPZHB
Propagation Delay from TRI-STATE to
A0 to A7 e 04V R e 24V (
Figure B )
a Logical ‘‘1’’ from T to B Port
S3 e 0 R5 e 1k C4 e 300 pF
25
35
ns
S3 e 0 R5 e 5k C4 e 45 pF
16
25
ns
Note 1
‘‘Absolute Maximum Ratings’’ are those values beyond which the safety of the device cannot be guaranteed They are not meant to imply that the devices
should be operated at these limits The tables of ‘‘Electrical Characteristics’’ provide conditions for actual device operation
Note 2
Unless otherwise specified minmax limits apply across the supply and temperature range listed in the table of Recommended Operating Conditions All
typical values given are for VCC e 5V and TA e 25 C
Note 3
All currents into device pins are positive all currents out of device pins are negative All voltages are referenced to ground unless otherwise specified
Note 4
Only one output at a time should be shorted
http
www nationalcom
3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com