Electronic Components Datasheet Search
  English  ▼

X  

DP8307A Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8307A
Description  DP8307A 8-Bit TRI-STATE-R Bidirectional Transceiver (Inverting)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8307A Datasheet(HTML) 1 Page - National Semiconductor (TI)

  DP8307A Datasheet HTML 1Page - National Semiconductor (TI) DP8307A Datasheet HTML 2Page - National Semiconductor (TI) DP8307A Datasheet HTML 3Page - National Semiconductor (TI) DP8307A Datasheet HTML 4Page - National Semiconductor (TI) DP8307A Datasheet HTML 5Page - National Semiconductor (TI) DP8307A Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TLF8794
February 1996
DP8307A 8-Bit TRI-STATE
Bidirectional Transceiver (Inverting)
General Description
The DP8307A is a high speed Schottky 8-bit TRI-STATE
bidirectional transceiver designed to provide bidirectional
drive for bus oriented microprocessor and digital communi-
cations systems It is capable of sinking 16 mA on the A
ports and 48 mA on the B ports (bus ports) PNP inputs for
low input current and an increased output high (VOH) level
allow compatibility with MOS CMOS and other technolo-
gies that have a higher threshold and less drive capabilities
In addition it features glitch-free power updown on the B
port preventing erroneous glitches on the system bus in
power up or down
DP8303A and DP7304BDP8304B are featured with Trans-
mitReceive (TR) and Chip Disable (CD) inputs to simplify
control logic For greater design flexibility DP8307A and
DP7308DP8308
is
featured
with
Transmit
(T)
and
Receive (R) control inputs
Features
Y
8-bit bidirectional data flow reduces system package
count
Y
Bidirectional TRI-STATE inputsoutputs interface with
bus oriented systems
Y
PNP inputs reduce input loading
Y
Output high votlage interfaces with TTL
MOS
and
CMOS
Y
48 mA300 pF bus drive capability
Y
Pinouts simplify system interconnections
Y
Independent T and R controls for versatility
Y
Compact 20-pin dual-in-line package
Y
Bus port glitch free power updown
Logic and Connection Diagrams
TLF8794 – 1
Logic Table
Control Inputs
Resulting Conditions
Transmit
Receive
A Port
B Port
1
0
OUT
IN
0
1
IN
OUT
1
1
TRI-STATE
TRI-STATE
0
0
Both Active
This is not an intended logic condition and may cause oscillations
Dual-In-Line Package
TLF8794 – 2
Top View
Order Number DP8307AN
See NS Package Number N20A
TRI-STATE
is a registered trademark of National Semiconductor Corporation
C1996 National Semiconductor Corporation
RRD-B30M36Printed in U S A
http
www nationalcom


Similar Part No. - DP8307A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DP8307J ETC1-DP8307J Datasheet
367Kb / 6P
OCTAL THREE-STATE BIDIRECTIONAL BUS TRANSCEIVERS
DP8307N ETC1-DP8307N Datasheet
367Kb / 6P
OCTAL THREE-STATE BIDIRECTIONAL BUS TRANSCEIVERS
DP8307NB ETC1-DP8307NB Datasheet
367Kb / 6P
OCTAL THREE-STATE BIDIRECTIONAL BUS TRANSCEIVERS
More results

Similar Description - DP8307A

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54F579 NSC-54F579 Datasheet
197Kb / 8P
8-Bit Bidirectional Binary Counter with TRI-STATE Outputs
54F779 NSC-54F779 Datasheet
176Kb / 8P
8-Bit Bidirectional Binary Counter with TRI-STATE Outputs
SCAN18245T NSC-SCAN18245T Datasheet
193Kb / 16P
Non-Inverting Transceiver with TRI-STATE Outputs
DP8308 NSC-DP8308 Datasheet
128Kb / 6P
8-Bit TRI-STATE Bidirectional Transceiver (Non-Inverting)
DP7304 NSC-DP7304 Datasheet
295Kb / 5P
8 BIT TRI-STATE BIDIRECTIONAL TRANSCEIVER
MM54HCT640 NSC-MM54HCT640 Datasheet
140Kb / 4P
Inverting Octal TRI-STATE Transceiver
MM74HC640 NSC-MM74HC640 Datasheet
145Kb / 6P
Inverting Octal TRI-STATE Transceiver
MM74HC242 NSC-MM74HC242 Datasheet
134Kb / 6P
Inverting Quad TRI-STATE Transceiver
DP8303A NSC-DP8303A Datasheet
112Kb / 6P
8-Bit TRI-STATE-R Bidirectional Transceiver (Inverting)
DS3667 NSC-DS3667 Datasheet
120Kb / 6P
TRI-STATE Bidirectional Transceiver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com