Electronic Components Datasheet Search
  English  ▼

X  

DG9409DN Datasheet(PDF) 9 Page - Vishay Siliconix

Part # DG9409DN
Description  Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG9409DN Datasheet(HTML) 9 Page - Vishay Siliconix

Back Button DG9409DN Datasheet HTML 4Page - Vishay Siliconix DG9409DN Datasheet HTML 5Page - Vishay Siliconix DG9409DN Datasheet HTML 6Page - Vishay Siliconix DG9409DN Datasheet HTML 7Page - Vishay Siliconix DG9409DN Datasheet HTML 8Page - Vishay Siliconix DG9409DN Datasheet HTML 9Page - Vishay Siliconix DG9409DN Datasheet HTML 10Page - Vishay Siliconix DG9409DN Datasheet HTML 11Page - Vishay Siliconix DG9409DN Datasheet HTML 12Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
DG9408/9409
Vishay Siliconix
New Product
Document Number: 71870
S-21060—Rev. A, 05-Aug-02
www.vishay.com
9
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
Supply Current vs. Input Switching Frequency
Input Switching Frequency (Hz)
V+ = 5 V
V- = -5 V
100 m
10 m
1 m
100
m
10
m
1
m
100 n
10 n
1 n
10
100
1 K
10 K
100 K
1 M
10 M
1
SCHEMATIC DIAGRAM (TYPICAL CHANNEL)
FIGURE 1.
EN
A0
S1
D
V+
Sn
V-
Decode/
Drive
Level
Shift
V-
V+
AX
V+
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com