Electronic Components Datasheet Search
  English  ▼

X  

S07D Datasheet(PDF) 1 Page - Vishay Siliconix

Part # S07D
Description  Standard Recovery Rectifier High Voltage Surface Mount
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

S07D Datasheet(HTML) 1 Page - Vishay Siliconix

  S07D Datasheet HTML 1Page - Vishay Siliconix S07D Datasheet HTML 2Page - Vishay Siliconix S07D Datasheet HTML 3Page - Vishay Siliconix S07D Datasheet HTML 4Page - Vishay Siliconix S07D Datasheet HTML 5Page - Vishay Siliconix S07D Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
S07B, S07D, S07G, S07J, S07M
www.vishay.com
Vishay Semiconductors
Rev. 2.6, 26-Feb-2021
1
Document Number: 85733
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Standard Recovery Rectifier High Voltage Surface Mount
LINKS TO ADDITIONAL RESOURCES
FEATURES
• For surface mounted applications
• Low profile package
• Ideal for automated placement
• Glass passivated
• Meets MSL level 1, per J-STD-020, LF maximum
peak of 260 °C
• Meets JESD 201 class 2 whisker test
• Wave and reflow solderable
• AEC-Q101 qualified
• Compatible to SOD-123W package case outline or
SOD-123F and SOD-123FL
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
MECHANICAL DATA
Case: SMF (DO-219AB)
Polarity: band denotes cathode end
Weight: approx. 15 mg
Packaging codes / options:
GS18/10K per 13" reel (8 mm tape)
GS08/3K per 7" reel (8 mm tape)
Circuit configuration: single
Note
(1) Averaged over any 20 ms period
1
2
23020
eSMP® Series
SMF (DO-219AB)
23019
333
DDD3 D
3D Models
PARTS TABLE
PART
ORDERING CODE
MARKING
REMARKS
S07B
S07B-GS18 or S07B-GS08
SB
Tape and reel
S07D
S07D-GS18 or S07D-GS08
SD
Tape and reel
S07G
S07G-GS18 or S07G-GS08
SG
Tape and reel
S07J
S07J-GS18 or S07J-GS08
SJ
Tape and reel
S07M
S07M-GS18 or S07M-GS08
SM
Tape and reel
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
PART
SYMBOL
VALUE
UNIT
Maximum repetitive peak reverse voltage
S07B
VRRM
100
V
S07D
VRRM
200
V
S07G
VRRM
400
V
S07J
VRRM
600
V
S07M
VRRM
1000
V
Maximum RMS voltage
S07B
VRMS
70
V
S07D
VRMS
140
V
S07G
VRMS
280
V
S07J
VRMS
420
V
S07M
VRMS
700
V
Maximum DC blocking voltage
S07B
VDC
100
V
S07D
VDC
200
V
S07G
VDC
400
V
S07J
VDC
600
V
S07M
VDC
1000
V
Maximum average forward rectified current
TL = 110 °C (1)
IF(AV)
1.5
A
TA = 65 °C (1)
IF(AV)
0.7
A
Peak forward surge current 8.3 ms single half sine-wave
TL = 25 °C
IFSM
25
A


Similar Part No. - S07D

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
S07D BILIN-S07D Datasheet
122Kb / 3P
SURFACE MOUNT RECTIFIER
logo
Vishay Siliconix
S07D VISHAY-S07D Datasheet
121Kb / 7P
Small Signal Fast Switching Diode, High Voltage
13-Apr-05
S07D VISHAY-S07D Datasheet
120Kb / 7P
Small Signal Fast Switching Diode, High Voltage
13-Apr-05
S07D VISHAY-S07D Datasheet
80Kb / 6P
Small Signal Switching Diode, High Voltage
20-Aug-10
logo
Shenzhen Luguang Electr...
S07D LUGUANG-S07D Datasheet
208Kb / 3P
Surface Mount Rectifiers
More results

Similar Description - S07D

ManufacturerPart #DatasheetDescription
logo
PACELEADER INDUSTRIAL
FM4001-M PACELEADER-FM4001-M Datasheet
268Kb / 2P
SURFACE MOUNT STANDARD RECOVERY RECTIFIER
S1AB PACELEADER-S1AB Datasheet
253Kb / 2P
SURFACE MOUNT STANDARD RECOVERY RECTIFIER
logo
Vishay Siliconix
S07M-M-08 VISHAY-S07M-M-08 Datasheet
90Kb / 5P
Standard Recovery Rectifier High Voltage Surface Mount
01-Aug-11
S07J-M-08 VISHAY-S07J-M-08 Datasheet
90Kb / 5P
Standard Recovery Rectifier High Voltage Surface Mount
01-Aug-11
S1FLX-M VISHAY-S1FLX-M Datasheet
110Kb / 7P
Standard Recovery Rectifier, High Voltage Surface Mount
26-Feb-2021
S07B-M VISHAY-S07B-M_V01 Datasheet
108Kb / 6P
Standard Recovery Rectifier High Voltage Surface-Mount
26-Feb-2021
S1FLB-M VISHAY-S1FLB-M_V01 Datasheet
111Kb / 7P
Standard Recovery Rectifier, High Voltage Surface Mount
26-Feb-2021
S1FLB VISHAY-S1FLB_V01 Datasheet
106Kb / 6P
Standard Recovery Rectifier, High Voltage Surface-Mount
26-Feb-2021
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com