Electronic Components Datasheet Search
  English  ▼

X  

S07D Datasheet(PDF) 2 Page - Vishay Siliconix

Part # S07D
Description  Standard Recovery Rectifier High Voltage Surface Mount
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

S07D Datasheet(HTML) 2 Page - Vishay Siliconix

  S07D Datasheet HTML 1Page - Vishay Siliconix S07D Datasheet HTML 2Page - Vishay Siliconix S07D Datasheet HTML 3Page - Vishay Siliconix S07D Datasheet HTML 4Page - Vishay Siliconix S07D Datasheet HTML 5Page - Vishay Siliconix S07D Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
S07B, S07D, S07G, S07J, S07M
www.vishay.com
Vishay Semiconductors
Rev. 2.6, 26-Feb-2021
2
Document Number: 85733
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1)
Mounted on epoxy substrate with 3 mm x 3 mm Cu pads (
≥ 40 μm thick)
Note
(1)
Pulse test: 300 μs pulse width, 1 % duty cycle
THERMAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Thermal resistance junction to ambient air (1)
RthJA
180
K/W
Operating junction and storage temperature range
Tj, Tstg
-65 to +175
°C
ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
Instantaneous forward voltage
IF = 1 A (1)
S07B
VF
1.1
V
S07D
VF
1.1
V
S07G
VF
1.1
V
S07J
VF
1.1
V
S07M
VF
1.1
V
Maximum DC reverse current at
rated DC blocking voltage
TA = 25 °C
S07B
IR
10
μA
S07D
IR
10
μA
S07G
IR
10
μA
S07J
IR
10
μA
S07M
IR
10
μA
TA = 125 °C
S07B
IR
50
μA
S07D
IR
50
μA
S07G
IR
50
μA
S07J
IR
50
μA
S07M
IR
50
μA
Reverse recovery time
IF = 0.5 A, IR = 1 A,
Irr = 0.25 A
S07B
trr
1800
ns
S07D
trr
1800
ns
S07G
trr
1800
ns
S07J
trr
1800
ns
S07M
trr
1800
ns
Typical capacitance
4 V, 1 MHz
S07B
Cj
4pF
S07D
Cj
4pF
S07G
Cj
4pF
S07J
Cj
4pF
S07M
Cj
4pF



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com