Electronic Components Datasheet Search
  English  ▼

X  

2003-7641 Datasheet(PDF) 1 Page - WAGO Kontakttechnik GmbH & Co. KG

Part # 2003-7641
Description  Multilevel installation terminal block; with operating slots; 2.5 mm짼; with Ndisconnect slide link; NT/L/PE; Push-in CAGE CLAMP짰; 2,50 mm짼; gray
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAGO [WAGO Kontakttechnik GmbH & Co. KG]
Direct Link  https://www.wago.com/global/
Logo WAGO - WAGO Kontakttechnik GmbH & Co. KG

2003-7641 Datasheet(HTML) 1 Page - WAGO Kontakttechnik GmbH & Co. KG

  2003-7641 Datasheet HTML 1Page - WAGO Kontakttechnik GmbH & Co. KG 2003-7641 Datasheet HTML 2Page - WAGO Kontakttechnik GmbH & Co. KG 2003-7641 Datasheet HTML 3Page - WAGO Kontakttechnik GmbH & Co. KG 2003-7641 Datasheet HTML 4Page - WAGO Kontakttechnik GmbH & Co. KG 2003-7641 Datasheet HTML 5Page - WAGO Kontakttechnik GmbH & Co. KG 2003-7641 Datasheet HTML 6Page - WAGO Kontakttechnik GmbH & Co. KG 2003-7641 Datasheet HTML 7Page - WAGO Kontakttechnik GmbH & Co. KG 2003-7641 Datasheet HTML 8Page - WAGO Kontakttechnik GmbH & Co. KG 2003-7641 Datasheet HTML 9Page - WAGO Kontakttechnik GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
Data sheet | Item number: 2003-7641
Multilevel installation terminal block; with operating slots; 2.5 mm²; with N-
disconnect slide link; NT/L/PE; Push-in CAGE CLAMP®; 2,50 mm²; gray
www.wago.com/2003-7641
Subject to changes. Please also observe the further product documentation!
WAGO GmbH & Co. KG
Hansastr. 27
32423 Minden
Phone: +49571 887-0 | Fax: +49571 887-169
Email: info.de@wago.com | Web: www.wago.com
Do you have any questions about our products?
We are always happy to take your call at +49 (571) 887-44222.
23.11.2021    Page /
1 19
Color:
Data
Electrical data


Similar Part No. - 2003-7641

ManufacturerPart #DatasheetDescription
logo
WAGO Kontakttechnik Gmb...
2003-7640 WAGO-2003-7640 Datasheet
835Kb / 18P
Multilevel installation terminal block; with operating slots; 2.5 mm짼; with Ndisconnect slide link; NT/L; Push-in CAGE CLAMP짰; 2,50 mm짼; gray
24.11.2021
2003-7642 WAGO-2003-7642 Datasheet
814Kb / 18P
Multilevel installation terminal block; with operating slots; 2.5 mm짼; L/L; Pushin CAGE CLAMP짰; 2,50 mm짼; gray
23.11.2021
2003-7645 WAGO-2003-7645 Datasheet
831Kb / 18P
Multilevel installation terminal block; with operating slots; 2.5 mm짼; L/L/PE; Push-in CAGE CLAMP짰; 2,50 mm짼; gray
23.11.2021
2003-7646 WAGO-2003-7646 Datasheet
664Kb / 19P
Multilevel installation terminal block; with operating slots; 2.5 mm짼; N/L/PE; Push-in CAGE CLAMP짰; 2,50 mm짼; gray
23.11.2021
2003-7649 WAGO-2003-7649 Datasheet
677Kb / 18P
Multilevel installation terminal block; with operating slots; 2.5 mm짼; N/L; Pushin CAGE CLAMP짰; 2,50 mm짼; gray
24.11.2021
More results

Similar Description - 2003-7641

ManufacturerPart #DatasheetDescription
logo
WAGO Kontakttechnik Gmb...
2003-6641 WAGO-2003-6641 Datasheet
911Kb / 18P
Multilevel installation terminal block; with operating slots; 2.5 mm짼; with pivoting knife disconnect; NT/L/PE; Push-in CAGE CLAMP짰; 2,50 mm짼; gray
23.11.2021
2003-6642 WAGO-2003-6642 Datasheet
702Kb / 17P
Multilevel installation terminal block; with operating slots; 2.5 mm짼; L/L; Push-in CAGE CLAMP짰; 2,50 mm짼; gray
24.11.2021
2003-6645 WAGO-2003-6645 Datasheet
699Kb / 17P
Multilevel installation terminal block; with operating slots; 2.5 mm짼; L/L/PE; Push-in CAGE CLAMP짰; 2,50 mm짼; gray
24.11.2021
2003-6646 WAGO-2003-6646 Datasheet
702Kb / 17P
Multilevel installation terminal block; with operating slots; 2.5 mm짼; N/L/PE; Push-in CAGE CLAMP짰; 2,50 mm짼; gray
24.11.2021
2003-7640 WAGO-2003-7640 Datasheet
835Kb / 18P
Multilevel installation terminal block; with operating slots; 2.5 mm짼; with Ndisconnect slide link; NT/L; Push-in CAGE CLAMP짰; 2,50 mm짼; gray
24.11.2021
2003-7642 WAGO-2003-7642 Datasheet
814Kb / 18P
Multilevel installation terminal block; with operating slots; 2.5 mm짼; L/L; Pushin CAGE CLAMP짰; 2,50 mm짼; gray
23.11.2021
2003-7645 WAGO-2003-7645 Datasheet
831Kb / 18P
Multilevel installation terminal block; with operating slots; 2.5 mm짼; L/L/PE; Push-in CAGE CLAMP짰; 2,50 mm짼; gray
23.11.2021
2003-7646 WAGO-2003-7646 Datasheet
664Kb / 19P
Multilevel installation terminal block; with operating slots; 2.5 mm짼; N/L/PE; Push-in CAGE CLAMP짰; 2,50 mm짼; gray
23.11.2021
2003-7649 WAGO-2003-7649 Datasheet
677Kb / 18P
Multilevel installation terminal block; with operating slots; 2.5 mm짼; N/L; Pushin CAGE CLAMP짰; 2,50 mm짼; gray
24.11.2021
2003-7650 WAGO-2003-7650 Datasheet
666Kb / 19P
Multilevel installation terminal block; with operating slots; 2.5 mm짼; L; Push-in CAGE CLAMP짰; 2,50 mm짼; gray
24.11.2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com