Electronic Components Datasheet Search
  English  ▼

X  

2003-7641 Datasheet(PDF) 2 Page - WAGO Kontakttechnik GmbH & Co. KG

Part # 2003-7641
Description  Multilevel installation terminal block; with operating slots; 2.5 mm짼; with Ndisconnect slide link; NT/L/PE; Push-in CAGE CLAMP짰; 2,50 mm짼; gray
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAGO [WAGO Kontakttechnik GmbH & Co. KG]
Direct Link  https://www.wago.com/global/
Logo WAGO - WAGO Kontakttechnik GmbH & Co. KG

2003-7641 Datasheet(HTML) 2 Page - WAGO Kontakttechnik GmbH & Co. KG

  2003-7641 Datasheet HTML 1Page - WAGO Kontakttechnik GmbH & Co. KG 2003-7641 Datasheet HTML 2Page - WAGO Kontakttechnik GmbH & Co. KG 2003-7641 Datasheet HTML 3Page - WAGO Kontakttechnik GmbH & Co. KG 2003-7641 Datasheet HTML 4Page - WAGO Kontakttechnik GmbH & Co. KG 2003-7641 Datasheet HTML 5Page - WAGO Kontakttechnik GmbH & Co. KG 2003-7641 Datasheet HTML 6Page - WAGO Kontakttechnik GmbH & Co. KG 2003-7641 Datasheet HTML 7Page - WAGO Kontakttechnik GmbH & Co. KG 2003-7641 Datasheet HTML 8Page - WAGO Kontakttechnik GmbH & Co. KG 2003-7641 Datasheet HTML 9Page - WAGO Kontakttechnik GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
Data sheet | Item number: 2003-7641
www.wago.com/2003-7641
Subject to changes. Please also observe the further product documentation!
WAGO GmbH & Co. KG
Hansastr. 27
32423 Minden
Phone: +49571 887-0 | Fax: +49571 887-169
Email: info.de@wago.com | Web: www.wago.com
Do you have any questions about our products?
We are always happy to take your call at +49 (571) 887-44222.
23.11.2021    Page /
2 19
Ratings per IEC/EN
Ratings (note)
Potential – ground
Nominal voltage (III/3)
250 V
 
Rated surge voltage (III/3)
4 kV
 
Rated current
24 A
 
Ratings (note) 2
Potential – potential
Rated voltage (III/3) 2
400 V
 
Rated surge voltage (III/3) 2
6 kV
 
Rated current 2
32 A
 
Legend (ratings)
(III / 3) ≙ Overvoltage category III / Pollution degree 3
Connection data
Total number of connection points
5
Total number of potentials
3
Number of levels
3
Connection 1
Connection technology
Push-in CAGE CLAMP
®
Actuation type
Push-in
Operating tool
Connectable conductor materials
Copper
Nominal cross-section
2.5 mm²
Solid conductor
0.25 … 4 mm² / 22 … 12 AWG
Solid conductor; push-in termination
0.75 … 4 mm² / 18 … 12 AWG
Fine-stranded conductor
0.25 … 4 mm² / 22 … 12 AWG
Fine-stranded conductor; with insulated ferrule
0.25 … 2.5 mm² / 22 … 14 AWG
Fine-stranded conductor; with ferrule; push-in termination
1 … 2.5 mm² / 18 … 14 AWG
Note (conductor cross-section)
Depending on the conductor characteristic, a conductor with a
smaller cross-section can also be inserted via push-in termination.
Strip length
10 … 12 mm / 0.39 … 0.47 inch
Wiring direction
Front-entry wiring
Physical data
Width
5.2 mm / 0.205 inch
Height
96 mm / 3.78 inch
Depth from upper edge of DIN-rail
42.3 mm / 1.665 inch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com