Electronic Components Datasheet Search
  English  ▼

X  

AMT11 Datasheet(PDF) 2 Page - CUI INC

Part # AMT11
Description  MODULAR INCREMENTAL ENCODER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

AMT11 Datasheet(HTML) 2 Page - CUI INC

  AMT11 Datasheet HTML 1Page - CUI INC AMT11 Datasheet HTML 2Page - CUI INC AMT11 Datasheet HTML 3Page - CUI INC AMT11 Datasheet HTML 4Page - CUI INC AMT11 Datasheet HTML 5Page - CUI INC AMT11 Datasheet HTML 6Page - CUI INC AMT11 Datasheet HTML 7Page - CUI INC AMT11 Datasheet HTML 8Page - CUI INC AMT11 Datasheet HTML 9Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
CUI Devices
│ SERIES: AMT11 │ DESCRIPTION: MODULAR INCREMENTAL ENCODER
date 09/10/2021
│ page 2 of 9
cuidevices.com
WAVEFORMS
Z
A
B
I
P
T
S S S S
Quadrature signals with index showing
counter-clockwise rotation
Figure 1
MECHANICAL
parameter
conditions/description
min
typ
max
units
motor shaft length
9
mm
motor shaft tolerance
NOM +0/-0.015
mm
weight
weight varies by configuration
15.7
g
axial play
±0.3
mm
rotational speed (at each
resolution)
48, 96, 100, 125, 192, 200, 250, 256, 384, 400,
500, 512, 800, 1000, 1024, 2048
8000
RPM
360, 768, 1600, 2000, 4096
4000
RPM
2500
2500
RPM
ENVIRONMENTAL
parameter
conditions/description
min
typ
max
units
operating temperature
-40
125
°C
humidity
non-condensing
85
%
vibration
10~500 Hz, 5 minute sweep, 2 hours on each XYZ
5
G
shock
3 pulses, 6 ms, 3 on each XYZ
200
G
RoHS
yes
SERIAL INTERFACE
parameter
conditions/description
min
typ
max
units
protocol
serial UART
controller
driven by onboard Microchip PIC18F25K80. See
Microchip documentation for additional details.
data rate
8 data bits, no parity, 1 stop bit, least significant bit first
115200
baud
Parameter
Description
Expression
Units
Notes
PPR
resolution
Pulses Per Revolution
This is the user selected value and the
format all resolutions are listed in
CPR
counts
PPR x 4
Counts Per Revolution
This is the number of quadrature counts
the encoder has
T
period
360/R
mechanical degrees
P
pulse width
T/2
mechanical degrees
S
A/B state width
T/4
mechanical degrees
This is the width of a quadrature state
I
index width
T/4
mechanical degrees
The width of a once per turn index is the
state width for A & B lines
The following parameters are defined by the resolution selected for each encoder. The encoders resolution is listed as
Pulses Per Revolution (PPR), which is the number of periods (or high pulses) over the encoders revolution.
Note:
For more information regarding PPR, CPR, or LPR (Lines Per Revolution) view https://www.cuidevices.com/blog/what-is-encoder-ppr-cpr-and-lpr
Additional Resources: Product Page | 3D Model



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com