Electronic Components Datasheet Search
  English  ▼

X  

AMT11 Datasheet(PDF) 1 Page - CUI INC

Part # AMT11
Description  MODULAR INCREMENTAL ENCODER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

AMT11 Datasheet(HTML) 1 Page - CUI INC

  AMT11 Datasheet HTML 1Page - CUI INC AMT11 Datasheet HTML 2Page - CUI INC AMT11 Datasheet HTML 3Page - CUI INC AMT11 Datasheet HTML 4Page - CUI INC AMT11 Datasheet HTML 5Page - CUI INC AMT11 Datasheet HTML 6Page - CUI INC AMT11 Datasheet HTML 7Page - CUI INC AMT11 Datasheet HTML 8Page - CUI INC AMT11 Datasheet HTML 9Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
date 09/10/2021
page 1 of 9
SERIES: AMT11
│ DESCRIPTION: MODULAR INCREMENTAL ENCODER
cuidevices.com
ELECTRICAL
parameter
conditions/description
min
typ
max
units
power supply
VDD
4.5
5
5.5
V
start-up time1
200
ms
current consumption
with unloaded output
16
mA
single ended channels
output high level
output low level
output current (per channel)
rise/fall time
VDD-0.1
8
0.1
15
V
V
mA
ns
differential RS-422 channels
output high level
output low level
output current (per channel)
rise/fall time
3
7
11
0.1
25
20
V
V
mA
ns
Note:
1. Encoder must be stationary during start-up.
INCREMENTAL CHARACTERISTICS
parameter
conditions/description
min
typ
max
units
channels
CMOS Voltage (S)
Quadrature Line Driver (Q)
A, B, Z
A, A, B, B, Z, Z
waveform
CMOS voltage square wave
phase difference
A leads B for CCW rotation (viewed from front)
quadrature resolutions2
48, 96, 100, 125, 192, 200, 250, 256, 360, 384, 400, 500,
512, 768, 800, 1000, 1024, 1600, 2000, 2048, 2500, 4096
PPR
index3
one pulse per 360 degree rotation
accuracy
0.2
degrees
quadrature duty cycle (at each
resolution)
48, 96, 100, 125, 192, 256, 384
200, 250, 360, 400, 768, 800
500, 1000, 1600
512, 1024 , 2048, 4096
2000
2500
49
48
46
50
44
43
50
50
50
50
50
50
51
52
54
50
56
57
%
%
%
%
%
%
Notes:
2. Resolution programmed with AMT Viewpoint™ PC software. Default resolution set to 2048 PPR. All resolutions are listed as pre-quadrature, meaning the final number of
counts is PPR x 4.
3. Zero position alignment set with AMT One Touch Zero™ module, AMT Viewpoint™ PC software, or serial commands
FEATURES
• patented capacitive ASIC technology
• low power consumption
• incremental resolutions up to 4096 PPR
• resolutions programmable with AMT Viewpoint™ PC software
• differential line driver versions
• digitally set zero position
• compact modular package with locking hub for ease of installation
• radial and axial cable connections
• 7 different mounting hole options
• -40~125°C operating temperature
¯
¯
¯
Additional Resources: Product Page | 3D Model


Similar Part No. - AMT11

ManufacturerPart #DatasheetDescription
logo
CUI INC
AMT11 CUI-AMT11 Datasheet
736Kb / 9P
patented capacitive ASIC technology
logo
CUI Devices
AMT11 CUID-AMT11 Datasheet
647Kb / 9P
MODULAR INCREMENTAL ENCODER
08/05/2022
logo
Same Sky Devices
AMT11 SAMESKY-AMT11 Datasheet
631Kb / 9P
MODULAR INCREMENTAL ENCODER
09/12/2024
logo
CUI INC
AMT112Q CUI-AMT112Q Datasheet
736Kb / 9P
patented capacitive ASIC technology
logo
Lin Eng. Inc.
AMT112Q LINENGINEERING-AMT112Q Datasheet
234Kb / 2P
CABLE
More results

Similar Description - AMT11

ManufacturerPart #DatasheetDescription
logo
CUI INC
LME CUI-LME Datasheet
874Kb / 5P
modular incremental encoder
AMT12 CUI-AMT12 Datasheet
1Mb / 7P
MODULAR INCREMENTAL ENCODER
AMT11A CUI-AMT11A Datasheet
721Kb / 9P
MODULAR INCREMENTAL ENCODER
11/18/2021
AMT13 CUI-AMT13_V01 Datasheet
1Mb / 8P
MODULAR INCREMENTAL ENCODER
09/10/2021
AMT10 CUI-AMT10_V01 Datasheet
948Kb / 8P
MODULAR INCREMENTAL ENCODER
08/04/2021
AMT12 CUI-AMT12_V01 Datasheet
1Mb / 7P
MODULAR INCREMENTAL ENCODER
09/10/2021
BME CUI-BME Datasheet
343Kb / 6P
modular incremental encoder
01/2009
logo
CUI Devices
AMT10 CUID-AMT10 Datasheet
869Kb / 8P
MODULAR INCREMENTAL ENCODER
08/05/2022
AMT11 CUID-AMT11 Datasheet
647Kb / 9P
MODULAR INCREMENTAL ENCODER
08/05/2022
AMT13 CUID-AMT13 Datasheet
1Mb / 8P
MODULAR INCREMENTAL ENCODER
08/05/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com