Electronic Components Datasheet Search
  English  ▼

X  

LMH0002 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMH0002
Description  SMPTE 292M / 259M Serial Digital Cable Driver
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH0002 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LMH0002 Datasheet HTML 1Page - National Semiconductor (TI) LMH0002 Datasheet HTML 2Page - National Semiconductor (TI) LMH0002 Datasheet HTML 3Page - National Semiconductor (TI) LMH0002 Datasheet HTML 4Page - National Semiconductor (TI) LMH0002 Datasheet HTML 5Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Absolute Maximum Ratings (Note 1)
Supply Voltage:
−0.5V to 3.6V
Input Voltage (all inputs)
−0.3V to V
CC+0.3V
Output Current
28mA
Storage Temperature Range
−65˚C to +150˚C
Junction Temperature
+150˚C
Lead Temperature
(Soldering 4 Sec)
+260˚C
Package Thermal Resistance
θ
JA 8-pin SOIC
θ
JC 8-pin SOIC
+125˚C/W
+105˚C/W
ESD Rating (HBM)
5kV
ESD Rating (MM)
250V
Recommended Operating
Conditions
Supply Voltage (V
CC –VEE):
3.3V ±5%
Operating Free Air Temperature (T
A)
LMH0002MA
LMH0002TMA
0˚C to +70˚C
−40˚C to +85˚C
DC Electrical Characteristics
Over Supply Voltage and Operating Temperature ranges, unless otherwise specified (Notes 2, 3).
Symbol Parameter
Conditions
Reference
Min
Typ
Max
Units
V
CMIN
Input Common Mode Voltage
SDI, SDI
1.6 +
V
SDI/2
V
CC –
V
SDI/2
V
V
SDI
Input Voltage Swing
Differential
100
2000
mV
P−P
V
CMOUT
Output Common Mode Voltage
SDO, SDO
V
CC –
V
SDO
V
V
SDO
Output Voltage Swing
Single-ended, 75
Ω load,
R
REF = 750
Ω 1%
750
800
850
mV
P-P
Single-ended, 75
Ω load,
R
REF = 590
Ω 1%
900
1000
1100
mV
P-P
SD/HD Input Voltage
Min for SD
SD/HD
2.4
V
Max for HD
0.8
V
SD/HD Input Current
3.7
µA
I
CC
Supply Current
SD/HD = 0, (Note 5)
45
49
mA
SD/HD = 1, (Note 5)
38
43
mA
AC Electrical Characteristics
Over Supply Voltage and Operating Temperature ranges, unless otherwise specified (Note 3).
Symbol Parameter
Conditions
Reference
Min
Typ
Max
Units
DR
SDI
Input Data Rate
(Note 4)
SDI, SDI
1485
Mbps
t
jit
Additive Jitter
1.485 Gbps
SDO, SDO
26
ps
P-P
270 Mbps
18
ps
P-P
t
r,tf
Output Rise Time, Fall Time
SD/HD = 0, 20% – 80%,
(Note 6)
120
220
ps
SD/HD = 1, 20% – 80%
400
560
800
ps
Mismatch in Rise/Fall Time
(Note 4)
30
ps
t
OS
Output Overshoot
(Note 4)
8
%
RL
SDO
Output Return Loss
(Note 7)
15
20
dB
Note 1: "Absolute Maximum Ratings" are those parameter values beyond which the life and operation of the device cannot be guaranteed. The stating herein of
these maximums shall not be construed to imply that the device can or should be operated at or beyond these values. The table of "Electrical Characteristics"
specifies acceptable device operating conditions.
Note 2: Current flow into device pins is defined as positive. Current flow out of device pins is defined as negative. All voltages are stated referenced to VEE = 0 Volts.
Note 3: Typical values are stated for VCC = +3.3V and TA = +25˚C.
Note 4: Specification is guaranteed by characterization.
Note 5: Maximum ICC is measured at VCC = +3.465V and TA = +70˚C.
Note 6: Specification is guaranteed by characterization and verified by test.
Note 7: Output return loss is dependent on board design. The LMH0002 meets this specification on the SD002 evaluation board from 5MHz to 1.5GHz.
www.national.com
2



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com