Electronic Components Datasheet Search
  English  ▼

X  

LMH0002 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMH0002
Description  SMPTE 292M / 259M Serial Digital Cable Driver
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH0002 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LMH0002 Datasheet HTML 1Page - National Semiconductor (TI) LMH0002 Datasheet HTML 2Page - National Semiconductor (TI) LMH0002 Datasheet HTML 3Page - National Semiconductor (TI) LMH0002 Datasheet HTML 4Page - National Semiconductor (TI) LMH0002 Datasheet HTML 5Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Connection Diagram
20176101
8-Pin SOIC
Order Number LMH0002MA or LMH0002TMA
See NS Package Number M08A
Pin Descriptions
Pin #
Name
Description
1
SDI
Serial data true input.
2
SDI
Serial data complement input.
3V
EE
Negative power supply (ground).
4R
REF
Output driver level control. Connect a resistor to V
CC to set output voltage swing.
5V
CC
Positive power supply (+3.3V).
6
SD/HD
Output slew rate control. Output rise/fall time complies with SMPTE 292M when low and
SMPTE 259M when high.
7
SDO
Serial data complement output.
8
SDO
Serial data true output.
Device Operation
INPUT INTERFACING
The LMH0002 accepts either differential or single-ended
input. The inputs are self-biased, allowing for simple AC or
DC coupling. DC-coupled inputs must be kept within the
specified common-mode range. SDI and SDI are self-biased
at approximately 2.1V with V
CC = 3.3V. Figure 1 shows the
differential input stage for SDI and SDI.
20176104
FIGURE 1. Differential Input Stage for SDI and SDI.
www.national.com
3



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com