Electronic Components Datasheet Search
  English  ▼

X  

LMH0046 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMH0046
Description  HD/SD Multi-Rate Serial Digital Video Data Reclocker
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH0046 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LMH0046 Datasheet HTML 1Page - National Semiconductor (TI) LMH0046 Datasheet HTML 2Page - National Semiconductor (TI) LMH0046 Datasheet HTML 3Page - National Semiconductor (TI) LMH0046 Datasheet HTML 4Page - National Semiconductor (TI) LMH0046 Datasheet HTML 5Page - National Semiconductor (TI) LMH0046 Datasheet HTML 6Page - National Semiconductor (TI) LMH0046 Datasheet HTML 7Page - National Semiconductor (TI) LMH0046 Datasheet HTML 8Page - National Semiconductor (TI) LMH0046 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Pin Descriptions
TSSOP Pin
Name
Description
1
LF1
Loop Filter
2
LF2
Loop Filter
3
RATE 0
Data Rate Select Input
4
RATE 1
Data Rate Select Input
5
SDI
Data Input True
6
SDI
Data Input Complement
7V
CC
Positive power supply input
8
BYPASS/AUTO BYPASS
Bypass/Auto Bypass mode select
9
OUTPUT MUTE
Data and Clock Output Mute Input (active LOW)
10
XTAL IN/EXT CLK
Crystal or External Oscillator Input
11
XTAL OUT
Crystal Oscillator Output
12
LOCK DETECT
PLL Lock Detect Output (active HIGH)
13
SCO/SDO2
Serial Clock or Serial Data Output 2 Complement
14
SCO/SDO2
Serial Clock or Serial Data Output 2 True
15
V
CCO
Positive power supply input (Output Driver)
16
SDO
Data Output Complement
17
SDO
Data Output True
18
V
CCO
Positive power supply input (Output Driver)
19
SD/HD
Data Rate Range Output
20
SCO_EN
Multiplexer control, Serial Clock or Serial Data 2 Output
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com