Electronic Components Datasheet Search
  English  ▼

X  

LMH0046 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMH0046
Description  HD/SD Multi-Rate Serial Digital Video Data Reclocker
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH0046 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LMH0046 Datasheet HTML 2Page - National Semiconductor (TI) LMH0046 Datasheet HTML 3Page - National Semiconductor (TI) LMH0046 Datasheet HTML 4Page - National Semiconductor (TI) LMH0046 Datasheet HTML 5Page - National Semiconductor (TI) LMH0046 Datasheet HTML 6Page - National Semiconductor (TI) LMH0046 Datasheet HTML 7Page - National Semiconductor (TI) LMH0046 Datasheet HTML 8Page - National Semiconductor (TI) LMH0046 Datasheet HTML 9Page - National Semiconductor (TI) LMH0046 Datasheet HTML 10Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Control Inputs and Indicator
Outputs (Continued)
MUTE
The MUTE input, when low, mutes the serial data and clock
outputs. It may be connected to Lock Detect or externally
driven to mute or un-mute the outputs. If MUTE is connected
to LD, then the data and clock outputs are muted when the
PLL is not locked. This function overrides the Bypass func-
tion: see Table 2.
BYPASS/AUTO BYPASS
The Bypass/Auto Bypass input, when high, forces the device
to output the data without reclocking it. When this input is
low, the device automatically bypasses the reclocking func-
tion when the device is in an unlocked condition or the
detected data rate is a rate which the device does not
support. See Table 2.
TABLE 2. Control Functionality
LOCK DETECT
OUTPUT MUTE
BYPASS/AUTO BYPASS
DEVICE STATUS
0
1
0
PLL unlocked, reclocker bypassed
1
1
0
PLL locked to supported data rate, reclocker not bypassed
X
0
X
Outputs muted
0
LOCK DETECT
X
Outputs muted
1
LOCK DETECT
0
PLL locked to supported data rate, reclocker not bypassed
1
LOCK DETECT
1
PLL locked to supported data rate, reclocker bypassed
X
1
1
Outputs not muted, reclocker bypassed
SD/HD
The SD/HD output indicates whether the LMH0046 is pro-
cessing SD or HD data rates. It may be used to control
another device such as the LMH0002 cable driver. When this
output is high it indicates that the data rate is 270 Mbps (or
143 Mbps). When low, the indicated data rate is 1483 or
1485 Mbps. The SD/HD output is only valid when the PLL is
locked and the Lock Detect output is high. When the PLL is
not locked (the Lock Detect output is low), the SD/HD output
will toggle between SD and HD.
SCO_EN
Input SCO_EN enables the SCO/SDO2 differential output to
function either as a serial data-rate clock or second serial
data output. SCO/SDO2 functions as a serial data-rate clock
when SCO_EN is high. This pin has an internal pull-down
device. The default state (low) enables the SCO/SDO2 out-
put as a second serial data output.
CRYSTAL OR EXTERNAL CLOCK REFERENCE
The LMH0046 uses a 27 MHz crystal or external clock signal
as a timing reference input. A 27 MHz parallel resonant
crystal and load network may be connected to the XTAL
IN/EXT CLK and XTAL OUT pins. Alternatively, a 27 MHz
LVCMOS compatible clock signal may be input to XTAL
IN/EXT CLK. Parameters for a suitable crystal are given in
Table 3.
TABLE 3. Crystal Parameters
Parameter
Value
Frequency
27 MHz
Frequency Stability
±100 ppm @ recommended
drive level
Operating Mode
Fundamental mode, Parallel
Resonant
Load Capacitance
20 pF
Shunt Capacitance
7 pF
Series Resistance
40
Ω max.
Recommended Drive Level
100 µW
Maximum Drive Level
500 µW
Operating Temperature
Range
−10˚C to +60˚C
www.national.com
8



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com