Electronic Components Datasheet Search
  English  ▼

X  

PCA9506 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PCA9506
Description  40-bit I2C-bus I/O port with RESET, OE, and INT
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9506 Datasheet(HTML) 1 Page - NXP Semiconductors

  PCA9506 Datasheet HTML 1Page - NXP Semiconductors PCA9506 Datasheet HTML 2Page - NXP Semiconductors PCA9506 Datasheet HTML 3Page - NXP Semiconductors PCA9506 Datasheet HTML 4Page - NXP Semiconductors PCA9506 Datasheet HTML 5Page - NXP Semiconductors PCA9506 Datasheet HTML 6Page - NXP Semiconductors PCA9506 Datasheet HTML 7Page - NXP Semiconductors PCA9506 Datasheet HTML 8Page - NXP Semiconductors PCA9506 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
1.
General description
The PCA9506 provides 40-bit parallel input/output (I/O) port expansion for I2C-bus
applications organized in 5 banks of 8 I/Os. At 5 V supply voltage, the outputs are capable
of sourcing 10 mA and sinking 25 mA with a total package load of 800 mA to allow direct
driving of 40 LEDs. Any of the 40 I/O ports can be configured as an input or output. Output
ports are totem-pole and their logic state changes at the Acknowledge (bank change).
The device can be configured to have each input port to be masked in order to prevent it
from generating interrupts when its state changes and to have the I/O data logic state to
be inverted when read by the system master.
An open-drain interrupt (INT) output pin allows monitoring of the input pins and is
asserted each time a change occurs in one or several input ports (unless masked).
The Output Enable (OE) pin 3-states any I/O selected as output and can be used as an
input signal to blink or dim LEDs (PWM with frequency > 80 Hz and change duty cycle).
The internal Power-On Reset (POR) or hardware reset (RESET) pin initializes the 40 I/Os
as inputs. Three address select pins configure one of 8 slave addresses.
The PCA9506 is available in 56-pin TSSOP and HVQFN packages and is specified over
the
−40 °Cto+85 °C industrial temperature range.
2.
Features
s Standard mode (100 kHz) and Fast mode (400 kHz) compatible I2C-bus serial
interface
s 2.3 V to 5.5 V operation with 5.5 V tolerant I/Os
s 40 configurable I/O pins that default to inputs at power-up
s Outputs:
x Totem-pole (10 mA source, 25 mA sink) with controlled edge rate output structure
x Active LOW output enable (OE) input pin 3-states all outputs
x Output state change on Acknowledge
s Inputs:
x Open-drain active LOW interrupt (INT) output pin allows monitoring of logic level
change of pins programmed as inputs
x Programmable Interrupt Mask Control for input pins that do not require an interrupt
when their states change
x Polarity Inversion register allows inversion of the polarity of the I/O pins when read
s Active LOW reset (RESET) input pin resets device to power-up default state
s 3 programmable address pins allowing 8 devices on the same bus
PCA9506
40-bit I2C-bus I/O port with RESET, OE, and INT
Rev. 01 — 14 February 2006
Product data sheet


Similar Part No. - PCA9506

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9506 NXP-PCA9506 Datasheet
180Kb / 31P
40-bit I2C-bus I/O port with RESET, OE and INT
Rev. 03-6 June 2007
PCA9506 NXP-PCA9506 Datasheet
276Kb / 34P
40-bit I2C-bus I/O port with RESET, OE and INT
Rev. 4-3 August 2010
PCA9506 NXP-PCA9506 Datasheet
727Kb / 8P
Smart, simple solutions for the 12 most common design concerns
August 2011
PCA9506BS NXP-PCA9506BS Datasheet
180Kb / 31P
40-bit I2C-bus I/O port with RESET, OE and INT
Rev. 03-6 June 2007
PCA9506BS NXP-PCA9506BS Datasheet
276Kb / 34P
40-bit I2C-bus I/O port with RESET, OE and INT
Rev. 4-3 August 2010
More results

Similar Description - PCA9506

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9698 PHILIPS-PCA9698 Datasheet
232Kb / 47P
40-bit Fm I2C-bus advanced I/O port with RESET, OE and INT
Rev. 02-19 July 2006
PCA9505 NXP-PCA9505 Datasheet
180Kb / 31P
40-bit I2C-bus I/O port with RESET, OE and INT
Rev. 03-6 June 2007
PCA9538 NXP-PCA9538 Datasheet
169Kb / 28P
8-bit I2C-bus and SMBus low power I/O port with interrupt and reset
Rev. 05-28 May 2009
PCA9539 NXP-PCA9539 Datasheet
191Kb / 31P
16-bit I2C-bus and SMBus low power I/O port with interrupt and reset
Rev. 05-28 July 2008
PCA9557 NXP-PCA9557 Datasheet
162Kb / 26P
8-bit I2C-bus and SMBus I/O port with reset
Rev. 06-11 June 2008
PCA9505 NXP-PCA9505_10 Datasheet
276Kb / 34P
40-bit I2C-bus I/O port with RESET, OE and INT
Rev. 4-3 August 2010
PCA9698 NXP-PCA9698_10 Datasheet
374Kb / 48P
40-bit Fm I2C-bus advanced I/O port with RESET, OE and INT
Rev. 3-3 August 2010
PCA9538A NXP-PCA9538A Datasheet
2Mb / 37P
Low-voltage 8-bit I2C-bus I/O port with interrupt and reset
Rev. 1-28 September 2012
PCA9539A NXP-PCA9539A Datasheet
2Mb / 39P
Low-voltage 16-bit I2C-bus I/O port with interrupt and reset
Rev. 1-26 September 2012
PCA9537DP.118 NXP-PCA9537DP.118 Datasheet
143Kb / 24P
4-bit I2C-bus and SMBus low power I/O port with interrupt and reset
Rev. 05-7 May 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com