Electronic Components Datasheet Search
  English  ▼

X  

0805 Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # 0805
Description  RF LDMOS Wideband Integrated Power Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

0805 Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button 0805 Datasheet HTML 6Page - Freescale Semiconductor, Inc 0805 Datasheet HTML 7Page - Freescale Semiconductor, Inc 0805 Datasheet HTML 8Page - Freescale Semiconductor, Inc 0805 Datasheet HTML 9Page - Freescale Semiconductor, Inc 0805 Datasheet HTML 10Page - Freescale Semiconductor, Inc 0805 Datasheet HTML 11Page - Freescale Semiconductor, Inc 0805 Datasheet HTML 12Page - Freescale Semiconductor, Inc 0805 Datasheet HTML 13Page - Freescale Semiconductor, Inc 0805 Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
RF Device Data
Freescale Semiconductor
MW4IC001NR4 MW4IC001MR4
Figure 22. Series Equivalent Source and Load Impedance
f
MHz
Zsource
Ω
Zload
Ω
860
865
870
27.853 + j5.908
29.458 + j6.285
28.617 + j6.078
15.492 + j63.669
15.592 + j68.687
15.788 + j69.799
VDD = 28 V, IDQ = 14 mA, Pout = 0.9 W PEP
875
880
885
30.306 + j6.422
32.194 + j6.660
31.223 + j6.567
15.835 + j70.863
15.975 + j71.920
16.094 + j73.091
890
33.228 + j6.656
16.286 + j74.159
890
895
34.293 + j6.624
16.344 + j75.236
900
35.424 + j6.508
16.628 + j76.283
Zsource = Test circuit impedance as measured from
gate to ground.
Zload
= Test circuit impedance as measured
from drain to ground.
Z source
Z load
Input
Matching
Network
Device
Under Test
Output
Matching
Network
f =860 MHz
Zsource
f = 900 MHz
Zload
f = 900 MHz
f = 860 MHz
Zo = 50 Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com