Electronic Components Datasheet Search
  English  ▼

X  

BAW75 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # BAW75
Description  Small Signal Switching Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BAW75 Datasheet(HTML) 1 Page - Vishay Siliconix

  BAW75 Datasheet HTML 1Page - Vishay Siliconix BAW75 Datasheet HTML 2Page - Vishay Siliconix BAW75 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
BAW75
www.vishay.com
Vishay Semiconductors
Rev. 1.9, 24-Feb-2020
1
Document Number: 85550
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Small Signal Switching Diode
ADDITIONAL RESOURCES
MECHANICAL DATA
Case: DO-35 (DO-204AH)
Weight: approx. 125 mg
Cathode band color: black
Packaging codes / options:
TAP/10K per ammopack (52 mm tape), 50K/box
FEATURES
• Silicon epitaxial planar diode
• Material categorization:
for definitions of compliance please see
www.vishay.com/doc?99912
APPLICATIONS
• Extreme fast switches
333
DDD3 D
3D Models
PARTS TABLE
PART
ORDERING CODE
TYPE MARKING
CIRCUIT CONFIGURATION
REMARKS
BAW75
BAW75-TAP
BAW75
Single
Ammopack
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Repetitive peak reverse voltage
VRRM
35
V
Reverse voltage
VR
25
V
Peak forward surge current
tp = 1 μs
IFSM
2A
Repetitive peak forward current
IFRM
450
mA
Forward continuous current
IF
300
mA
Average forward current
VR = 0
IF(AV)
150
mA
Power dissipation
l = 4 mm, TL = 45 °C
Ptot
440
mW
l = 4 mm, TL
≤ 25 °C
Ptot
500
mW
THERMAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Thermal resistance junction to ambient air
l = 4 mm, TL = constant
RthJA
350
K/W
Junction temperature
Tj
175
°C
Storage temperature range
Tstg
-65 to +175
°C


Similar Part No. - BAW75

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
BAW75 FAIRCHILD-BAW75 Datasheet
33Kb / 1P
High Speed Computer Diodes
logo
General Semiconductor
BAW75 GE-BAW75 Datasheet
173Kb / 4P
Small-Signal Diodes
logo
DAESAN ELECTRONIC CORP.
BAW75 DAESAN-BAW75 Datasheet
248Kb / 2P
SMALL SIGNAL SWITCHING DIODES
logo
GOOD-ARK Electronics
BAW75 GOOD-ARK-BAW75 Datasheet
167Kb / 4P
Small-Signal Diode
logo
Vishay Siliconix
BAW75 VISHAY-BAW75 Datasheet
110Kb / 4P
Small Signal Switching Diode
19-Feb-07
More results

Similar Description - BAW75

ManufacturerPart #DatasheetDescription
logo
Shanghai Lunsure Electr...
1N4148 CHENYI-1N4148 Datasheet
188Kb / 3P
SMALL SIGNAL SWITCHING DIODE
logo
Micro Commercial Compon...
MMBD6050 MCC-MMBD6050 Datasheet
170Kb / 3P
Small-Signal Switching Diode
logo
Leshan Radio Company
LSD2004LT1 LRC-LSD2004LT1 Datasheet
39Kb / 2P
Small-Signal Switching Diode
logo
Comchip Technology
CDSV6-99SD-G COMCHIP-CDSV6-99SD-G Datasheet
508Kb / 2P
Small-Signal Switching Diode
logo
Galaxy Semi-Conductor H...
BAV17 BILIN-BAV17 Datasheet
101Kb / 2P
SMALL SIGNAL SWITCHING DIODE
1SS141 BILIN-1SS141 Datasheet
54Kb / 1P
SMALL SIGNAL SWITCHING DIODE
LL4151 BILIN-LL4151 Datasheet
121Kb / 3P
SMALL SIGNAL SWITCHING DIODE
logo
Vishay Siliconix
1N4150W-V VISHAY-1N4150W-V Datasheet
122Kb / 4P
Small Signal Switching Diode
21-Jul-05
BA604 VISHAY-BA604_08 Datasheet
224Kb / 4P
Small Signal Switching Diode
26-Jul-06
logo
Kwang Myoung I.S. CO.,L...
1SS244 KISEMICONDUCTOR-1SS244 Datasheet
98Kb / 2P
SMALL SIGNAL SWITCHING DIODE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com