Electronic Components Datasheet Search
  English  ▼

X  

BAW75 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # BAW75
Description  Small Signal Switching Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BAW75 Datasheet(HTML) 2 Page - Vishay Siliconix

  BAW75 Datasheet HTML 1Page - Vishay Siliconix BAW75 Datasheet HTML 2Page - Vishay Siliconix BAW75 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
BAW75
www.vishay.com
Vishay Semiconductors
Rev. 1.9, 24-Feb-2020
2
Document Number: 85550
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
PACKAGE DIMENSIONS in millimeters (inches): DO-35 (DO-204AH)
ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Forward voltage
IF = 30 mA
VF
1V
Reverse current
VR = 25 V
IR
100
nA
VR = 25 V, Tj = 150 °C
IR
100
μA
Breakdown voltage
IR = 5 μA, tp/T = 0.01,
tp = 0.3 ms
V(BR)
35
V
Diode capacitance
VR = 0 V, f = 1 MHz,
VHF = 50 mV
CD
4pF
Reverse recovery time
IF = IR = 10 mA, iR = 1 mA
trr
4ns
IF = 10 mA, VR = 6 V,
iR = 1 mA, RL = 100
Ω
trr
2ns
94 9366
Rev. 6 - Date: 19. December 2011
Document no.: SB-V-3906.04-031(4)
26 min. [1.024]
3.9 max. [0.154]
26 min. [1.024]
Cathode Identification
3.1 min. [0.120]



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com