Electronic Components Datasheet Search
  English  ▼

X  

BY269 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # BY269
Description  Fast Avalanche Sinterglass Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BY269 Datasheet(HTML) 2 Page - Vishay Siliconix

  BY269 Datasheet HTML 1Page - Vishay Siliconix BY269 Datasheet HTML 2Page - Vishay Siliconix BY269 Datasheet HTML 3Page - Vishay Siliconix BY269 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BY268, BY269
www.vishay.com
Vishay Semiconductors
Rev. 1.8, 20-Feb-18
2
Document Number: 86005
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (Tamb = 25 C, unless otherwise specified)
Fig. 1 - Max. Thermal Resistance vs. Lead Length
Fig. 2 - Max. Forward Current vs. Forward Voltage
Fig. 3 - Max. Average Forward Current vs. Ambient Temperature
Fig. 4 - Max. Reverse Current vs. Junction Temperature
ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
Forward voltage
IF = 0.4 A
VF
-
-
1.25
V
Reverse current
VR = 1400 V
BY268
IR
-1
2
μA
VR = 1600 V
BY269
IR
-1
2
μA
VR= 1400 V, Tj = 100 °C
BY268
IR
-
-
15
μA
VR= 1600 V, Tj = 100 °C
BY269
IR
-
-
15
μA
Reverse recovery time
IF = 0.5 A, IR = 1 A, iR = 0.25 A
trr
-
-
400
ns
0
5
10
15
20
25
30
0
20
40
60
80
120
I - Lead Length (mm)
949090
100
ll
T L= constant
0.001
0.01
0.1
1
10
0
0.5
1.0
1.5
2.0
2.5
VF - Forward Voltage (V)
16412
T
j = 25 °C
T
j = 175 °C
16413
0
20
40
60
80
100 120 140 160 180
Tamb - Ambient Temperature (°C)
0.9
0.7
0.5
0.8
0.6
0.4
0.3
0.2
0.1
0
V
R = VRRM
half sinewave
R
thJA = 100 K/W
PCB: d = 25 mm
R
thJA = 45 K/W
I = 10 mm
1
10
100
1000
25
50
75
100
125
150
175
Tj - Junction Temperature (°C)
16414
V
R = VRRM



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com