Electronic Components Datasheet Search
  English  ▼

X  

STC232E Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # STC232E
Description  High ESD-Protected, Fail-Safe , Single Supply RS-232 Transceivers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

STC232E Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  STC232E Datasheet HTML 1Page - List of Unclassifed Manufacturers STC232E Datasheet HTML 2Page - List of Unclassifed Manufacturers STC232E Datasheet HTML 3Page - List of Unclassifed Manufacturers STC232E Datasheet HTML 4Page - List of Unclassifed Manufacturers STC232E Datasheet HTML 5Page - List of Unclassifed Manufacturers STC232E Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
STC International Limited
http://www.mcu-memory.com
STC232E Datasheet Rev.0.1, Dec.2005
3
Page
of
6
Pin Configurations
Pin Descriptions
Typical Operating Characteristics
PIN
DIP/SO/SSOP
NAME
FUNCTION
1,3
C1+, C1-
Terminals for positive charge-pump capacitor
2
V+
+2VCC voltage generated by the charge pump
4,5
C2+, C2-
Terminals for negative charge-pump capacitor
6
V-
-2VCC voltage generated by the charge pump
7,14
T_OUT
RS-232 Driver Outputs
8,13
R_IN
RS-232 Receiver Inputs
9,12
R_OUT
RS-232 Receiver Outputs
10,11
T_IN
RS-232 Driver Inputs
15
GND
Ground
16
VCC
+4.5V to +5.5V Supply-Voltage Input
8.0
7.5
7.0
6.5
6.0
5.5
5.0
0
1000
2000
3000
4000
5000
LOAD CAPACITANCE(pF)
TRANSMITTER OUTPUT VOLTAGE
   vs.LOAD CAPACITANCE
Vcc=5.5V
Vcc=5.0V
Vcc=4.5V
ALL TRANSMITTERS LOADED
   DATA RATE=120Kbps
         RL=3kΩ
14
12
10
8
6
4
2
0
1000
2000
3000
4000
5000
LOAD CAPACITANCE(pF)
  TRANSMITTER SLEW RATE
   vs.LOAD CAPACITANCE
+SLEW RATE
ALL TRANSMITTERS LOADED
   DATA RATE=120Kbps
         RL=3kΩ
-SLEW RATE
C1+  1
16 Vcc
V+  2
15 GND
C1-  3
14 T1OUT
C2+  4
13 R1IN
C2-  5
12 R1OUT
V-  6
11 T1IN
T2OUT  7
10 T2IN
R2IN  8
9
R2OUT
DIP/SO
STC232E



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com