Electronic Components Datasheet Search
  English  ▼

X  

STC232E Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # STC232E
Description  High ESD-Protected, Fail-Safe , Single Supply RS-232 Transceivers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

STC232E Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  STC232E Datasheet HTML 1Page - List of Unclassifed Manufacturers STC232E Datasheet HTML 2Page - List of Unclassifed Manufacturers STC232E Datasheet HTML 3Page - List of Unclassifed Manufacturers STC232E Datasheet HTML 4Page - List of Unclassifed Manufacturers STC232E Datasheet HTML 5Page - List of Unclassifed Manufacturers STC232E Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
STC International Limited
http://www.mcu-memory.com
STC232E Datasheet Rev.0.1, Dec.2005
6
Page
of
6
Package Information
Physical Dimensions Inches (millimeters)unless otherwise noted
1
2
3
4
5
6
7
8
16 15 14 13 12 11 10
9
0.010
0.254
MAX
 0.386-0.394
(9.804-10.00)
 0.228-0.244
(5.791-6.198)
 LEAD NO.1
     IDENT
 30°
 TYP
 0.150-0.157
(3.810-3.988)
 0.010-0.020
(0.254-0.508)
×45°
 0.008-0.010
(0.203-0.254)
 TYP ALL LEADS
 0.016-0.050
(0.406-1.270)
 TYP ALL LEADS
 8°MAX TYP
 ALL LEADS
15
14
13
12
11
10
9
16
2
3
4
5
6
7
8
1
 0.740-0.780
(18.80-19.81)
 0.090
(2.286)
 0.250±0.010
(6.350±0.254)
PIN NO.1
  IDENT
OPTION 01
 0.060
(1.524)
 TYP
 0.130±0.005
(3.302±0.127)
 0.145-0.200
(3.683-5.080)
 0.020
(0.508)
 MIN
 0.125-0.150
(3.175-3.810)
 0.014-0.023
(0.356-0.584)
     TYP
 0.050±0.010
(1.270±0.254)
     TYP
 0.100±0.010
(2.540±0.254)
     TYP
 0.030±0.015
(0.762±0.381)
 90°±4°TYP
 4°TYP
OPTIONAL
15
14
13
12
11
10
9
16
2
3
4
5
6
7
8
1
PIN NO.1
  IDENT
INDEX
AREA
OPTION 02
 0.300-0.320
(7.620-8.128)
 0.065
(1.651)
 0.008-0.016
(0.203-0.406)
TYP
 N1RE(REV F)
 0.280
(7.112)
  MIN
 95°± 5°
 0.325 +0.040
-0.015
 8.255 +1.016
-0.381
 0.053-0.069
(1.345-1.753)
 0.014
(0.356)
 0.050
(1.270)
  TYP
 0.008
(0.203)
TYP
 0.014-0.020
(0.356-0.508)
TYP
 0.004-0.010
(0.102-0.254)
 SENTING
  PLANE



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com