Electronic Components Datasheet Search
  English  ▼

X  

SB8002 Datasheet(PDF) 2 Page - Pepperl+Fuchs Inc.

Part # SB8002
Description  Zener Barrier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

SB8002 Datasheet(HTML) 2 Page - Pepperl+Fuchs Inc.

  SB8002 Datasheet HTML 1Page - Pepperl+Fuchs Inc. SB8002 Datasheet HTML 2Page - Pepperl+Fuchs Inc. SB8002 Datasheet HTML 3Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Dimensions
22,5 mm
(0.88")
85,5 mm (3.36'')
Technical Data
General specifications
Type
DC version, positive polarity
Electrical specifications
Series resistance
approx. 18.7 Ω
Hazardous area connection
Connection
terminals 13, 23
Output voltage
Uin - 1.4 V at 75 mA
Safe area connection
Connection
terminals 11, 21
Working voltage
9 ... 10.6 V
Short-circuit current
max. 95 mA
Directive conformity
Electromagnetic compatibility
Directive 2014/30/EU
EN 61326-1:2013 (industrial locations)
Conformity
Degree of protection
IEC 60529:2001
Ambient conditions
Ambient temperature
-20 ... 60 °C (-4 ... 140 °F)
Storage temperature
-40 ... 80 °C (-40 ... 176 °F)
Relative humidity
< 95 % (30 d/year), no moisture condensation
Mechanical specifications
Degree of protection
IP20
Connection
screw connection, max. 2.5 mm2
PA connection, max. 4 mm2
Mass
approx. 100 g
Dimensions
22.5 x 79 x 85.5 mm (0.88 x 3.11 x 3.36 inch) (W x H x D)
Mounting
on 35 mm DIN mounting rail acc. to EN 60715:2001
Data for application in connection with hazardous areas
EU-type examination certificate
TÜV 16 ATEX 181955 X
Zener Barrier
SB8002
2
Germany: +49 621 776 2222
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0002
Singapore: +65 6779 9091
www.pepperl-fuchs.com
pa-info@us.pepperl-fuchs.com
pa-info@sg.pepperl-fuchs.com
pa-info@de.pepperl-fuchs.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com