Electronic Components Datasheet Search
  English  ▼

X  

SB8002 Datasheet(PDF) 3 Page - Pepperl+Fuchs Inc.

Part # SB8002
Description  Zener Barrier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

SB8002 Datasheet(HTML) 3 Page - Pepperl+Fuchs Inc.

  SB8002 Datasheet HTML 1Page - Pepperl+Fuchs Inc. SB8002 Datasheet HTML 2Page - Pepperl+Fuchs Inc. SB8002 Datasheet HTML 3Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Technical Data
Marking
1
II (2)G [Ex ib Gb] IIC
1
II (2)D [Ex ib Db] IIIC
1
I (M2) [Ex ib Mb] I
Voltage
Uo
12.4 V
Current
Io
95 mA
Power
Po
1180 mW (characteristic curve rectangular type)
Supply
Maximum safe voltage
Um
250 V AC / 125 V DC (Attention! Um is no rated voltage.)
Directive conformity
Directive 2014/34/EU
EN 60079-0:2012+A11:2013 , EN 60079-11:2012
International approvals
IECEx approval
IECEx certificate
IECEx TUN 16.0023 X
IECEx marking
[Ex ib Gb] IIC
[Ex ib Db] IIIC
[Ex ib Mb] I
General information
Supplementary information
Observe the certificates, declarations of conformity, instruction manuals, and manuals
where applicable. For information see www.pepperl-fuchs.com.
Assembly
Front view
Screw terminal
Screw terminal
Shield and ground
connection
Zener Barrier
SB8002
3
Germany: +49 621 776 2222
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0002
Singapore: +65 6779 9091
www.pepperl-fuchs.com
pa-info@us.pepperl-fuchs.com
pa-info@sg.pepperl-fuchs.com
pa-info@de.pepperl-fuchs.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com