Electronic Components Datasheet Search
  English  ▼

X  

SFP-2 Datasheet(PDF) 1 Page - Pepperl+Fuchs Inc.

Part # SFP-2
Description  SFP 1000BASE-SX Gigabit Ethernet Multimode Fiber
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

SFP-2 Datasheet(HTML) 1 Page - Pepperl+Fuchs Inc.

  SFP-2 Datasheet HTML 1Page - Pepperl+Fuchs Inc. SFP-2 Datasheet HTML 2Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SFP 1000BASE-SX Gigabit Ethernet
Multimode Fiber
SFP-2
< 1000BASE-SX Gigabit Ethernet multi-mode fiber SFP
< Certified for use with Ethernet-APL switches in Zone 2
< Class 1 laser product complies with EN 60825-1
< SFP Multi-Source Agreement compliant
< Ethernet link up to 550 m
< Duplex LC connector
SFP Module, Multimode, 550 M, 1000BASE-SX, SFP-2
Function
The SFP-2 is an industrial rated SFP module supporting Gigabit Ethernet fiber optical communication up to a link length of 550 m.
The device is certified for installation in explosion hazardous area Zone 2 and is intended to be used with Pepperl+Fuchs Ethernet-APL switches.
Dimensions
45.00
55.50
56.60
6.25
8.00
Technical Data
Ethernet Interface
Interface type
1000BASE-SX Gigabit Ethernet Fiber
Connection type
duplex LC to duplex LC
Transfer rate
1.25 MBit/s
Fiber optics functionality
1
Germany: +49 621 776 2222
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0002
Singapore: +65 6779 9091
www.pepperl-fuchs.com
pa-info@us.pepperl-fuchs.com
pa-info@sg.pepperl-fuchs.com
pa-info@de.pepperl-fuchs.com


Similar Part No. - SFP-2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SFP-20-W ETC2-SFP-20-W Datasheet
217Kb / 3P
100M SFP Modules
logo
Level One
SFP-2100 LVL1-SFP-2100 Datasheet
3Mb / 1P
125M MMF SFP Transceiver
SFP-2200 LVL1-SFP-2200 Datasheet
102Kb / 1P
125M MMF SFP Transceiver (2km, 1310nm, -40 to 85C)
logo
Eravant
SFP-222KF-S1 ERAVANT-SFP-222KF-S1 Datasheet
235Kb / 3P
Q-Band X2, Passive Frequency Multiplier
Rev. 1.1
logo
Level One
SFP-2230 LVL1-SFP-2230 Datasheet
1Mb / 1P
125M SMF SFP Transceiver (30km, 1310nm, -40 to 85C)
More results

Similar Description - SFP-2

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
74741 MOLEX-74741 Datasheet
128Kb / 2P
1000Base-T RJ-45 Gigabit Ethernet SFP Copper Transceiver
74741 MOLEX-74741_04 Datasheet
74Kb / 4P
1000Base-T RJ-45 Gigabit Ethernet SFP Copper Transceiver
logo
OPLINK Communications I...
TRPAG1SXLAES OPLINK-TRPAG1SXLAES Datasheet
464Kb / 5P
Gigabit Ethernet SFP Multimode Transceiver with Digital Diagnostics
TRP1G10V1C00000G OPLINK-TRP1G10V1C00000G Datasheet
532Kb / 5P
Gigabit Ethernet SFP Multimode Transceivers with Digital Diagnostics
logo
Intel Corporation
EXPI9400PF INTEL-EXPI9400PF Datasheet
760Kb / 4P
Trusted 1000BASE-SX PCI Express Gigabit Fiber Connection for Servers
logo
Tripp Lite. All Rights ...
N286I-1P25GSXD TRIPPLITE-N286I-1P25GSXD Datasheet
172Kb / 2P
Industrial Gigabit SFP Transceiver - 1000Base-SX, Multimode, LC Duplex, DDM, -40째 to 85째C, 550 m (1,804 ft.)
logo
Pepperl+Fuchs Inc.
SFP-1 PF-SFP-1 Datasheet
420Kb / 2P
SFP 100BASE-FX Fast Ethernet Multimode Fiber
2021-06-01
logo
ATGBICS by Approved Tec...
1000BASE-SX-SFP-C ATGBICS-1000BASE-SX-SFP-C Datasheet
293Kb / 8P
1000BASE-SX-SFP Huawei Compatible Transceiver SFP 1000Base-SX (850nm, MMF, 550m)
SFP-850NM-1000BASE-SX-C ATGBICS-SFP-850NM-1000BASE-SX-C Datasheet
294Kb / 8P
SFP-850nm-1000BASE-SX Huawei Compatible Transceiver SFP 1000Base-SX (850nm, MMF, 550m)
SFP-SX-C ATGBICS-SFP-SX-C Datasheet
293Kb / 8P
SFP-SX Napatech Compatible Transceiver SFP 1000Base-SX (850nm, MMF, 550m)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com