Electronic Components Datasheet Search
  English  ▼

X  

SFP-2 Datasheet(PDF) 2 Page - Pepperl+Fuchs Inc.

Part # SFP-2
Description  SFP 1000BASE-SX Gigabit Ethernet Multimode Fiber
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

SFP-2 Datasheet(HTML) 2 Page - Pepperl+Fuchs Inc.

  SFP-2 Datasheet HTML 1Page - Pepperl+Fuchs Inc. SFP-2 Datasheet HTML 2Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Technical Data
Wave length
850 nm
Cable type
50/125μm or 62.5/125μm multi-mode fiber optic
Cable length
max. 550 m
Connector type
1 Duplex LC
Transmit power (optical)
-9.5 ... -4 dBm
Receive sensitivity
-18 ... 0 dBm
Link budget
8.5 dBm
Directive conformity
Electromagnetic compatibility
Directive 2014/30/EU
EN 61326-1:2013
Conformity
Electromagnetic compatibility
EN 61326 , NE 21
Ethernet
IEEE 802.3z for 1000BASE-SX Gigabit Ethernet Fiber
Shock resistance
EN 60068-2-27
Vibration resistance
EN 60068-2-6
Climatic conditions
DIN IEC 721
Laser safety
EN 60825-1 AEL Class 1
Ambient conditions
Ambient temperature
-40 ... 85 °C (-40 ... 185 °F)
Storage temperature
-40 ... 85 °C (-40 ... 185 °F)
Relative humidity
≤ 95 % non-condensing
Shock resistance
15 g 11 ms
Vibration resistance
1 g 10 ... 150 Hz
Mechanical specifications
Housing
SFP Multi-Source (MSA) compliant
Mass
17 g
Data for application in connection with hazardous areas
EU-type examination certificate
TÜV 20 ATEX 8572 X
Marking
1
II 3 G Ex ec IIC T4 Gc
Directive conformity
Directive 2014/34/EU
EN 60079-0:2018 , EN 60079-11:2012 , EN 60079-15:2015
International approvals
IECEx approval
pending
Approved for
Ex ec IIC T4 Gc
General information
Supplementary information
Observe the certificates, declarations of conformity, instruction manuals, and manuals
where applicable. For information see www.pepperl-fuchs.com.
SFP-2
2
Germany: +49 621 776 2222
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0002
Singapore: +65 6779 9091
www.pepperl-fuchs.com
pa-info@us.pepperl-fuchs.com
pa-info@sg.pepperl-fuchs.com
pa-info@de.pepperl-fuchs.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com