Electronic Components Datasheet Search
  English  ▼

X  

SSL1623PH Datasheet(PDF) 9 Page - NXP Semiconductors

Part # SSL1623PH
Description  SMPS IC for mains LED drivers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SSL1623PH Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button SSL1623PH Datasheet HTML 5Page - NXP Semiconductors SSL1623PH Datasheet HTML 6Page - NXP Semiconductors SSL1623PH Datasheet HTML 7Page - NXP Semiconductors SSL1623PH Datasheet HTML 8Page - NXP Semiconductors SSL1623PH Datasheet HTML 9Page - NXP Semiconductors SSL1623PH Datasheet HTML 10Page - NXP Semiconductors SSL1623PH Datasheet HTML 11Page - NXP Semiconductors SSL1623PH Datasheet HTML 12Page - NXP Semiconductors SSL1623PH Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
SSL1623PH
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 02 — 13 September 2010
9 of 18
NXP Semiconductors
SSL1623PH
SMPS IC for mains LED drivers
[1]
Pins VCC and RC are not allowed to be current driven.
[2]
Pins REG and AUX are not allowed to be voltage driven.
[3]
Human body model: equivalent to discharging a 100 pF capacitor through a 1.5 k
Ω series resistor.
[4]
Machine model: equivalent to discharging a 200 pF capacitor through a 0.75
μH coil and a 10 Ω series
resistor.
10. Thermal characteristics
[1]
Thermal resistance Rth(j-a) can be lower when pin GND is connected to sufficient copper area on the
printed-circuit board.
11. Characteristics
General
Ptot
total power dissipation
Tamb <50 °C-
1.7
W
Tstg
storage temperature
−55
+150
°C
Tj
junction temperature
−20
+145
°C
VESD
electrostatic discharge voltage
human body model
[3]
pin DRAIN
−1500 +1500 V
all other pins
−2000 +2000 V
machine model
[4] --
-
all pins
−200
+200
V
Table 4.
Limiting values …continued
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
Table 5.
Thermal characteristics
Symbol
Parameter
Conditions
Typ
Unit
Rth(j-a)
thermal resistance from junction to
ambient
in free air
[1] 55
K/W
Table 6.
Characteristics
Measurement valid data Tamb =25 °C; no overtemperature; all voltages are measured with respect to ground; currents are
positive when flowing into the IC; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Supplies
Pin VCC
VCC(startup)
start-up supply voltage
9
9.5
10
V
VCC(stop)
stop supply voltage
undervoltage lockout
7.0
7.5
8.0
V
ICC(oper)
operating supply current
normal operation
-
1.3
1.9
mA
ICC(startup)
start-up supply current
start-up
-
180
400
μA
Ich
charge current
VDRAIN > 60 V
----
VCC =0V
−650
−520
−390
μA
VCC =8.5 V
−375
−275
−175
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com