Electronic Components Datasheet Search
  English  ▼

X  

SSL1623PH Datasheet(PDF) 11 Page - NXP Semiconductors

Part # SSL1623PH
Description  SMPS IC for mains LED drivers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SSL1623PH Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button SSL1623PH Datasheet HTML 7Page - NXP Semiconductors SSL1623PH Datasheet HTML 8Page - NXP Semiconductors SSL1623PH Datasheet HTML 9Page - NXP Semiconductors SSL1623PH Datasheet HTML 10Page - NXP Semiconductors SSL1623PH Datasheet HTML 11Page - NXP Semiconductors SSL1623PH Datasheet HTML 12Page - NXP Semiconductors SSL1623PH Datasheet HTML 13Page - NXP Semiconductors SSL1623PH Datasheet HTML 14Page - NXP Semiconductors SSL1623PH Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
SSL1623PH
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 02 — 13 September 2010
11 of 18
NXP Semiconductors
SSL1623PH
SMPS IC for mains LED drivers
12. Application information
Vswp
short-winding protection voltage
ΔV/Δt=0.5V/μs
0.7
0.75
0.8
V
td
delay time
ΔV/Δt=0.5V/μs-
160
185
ns
tleb
leading edge blanking time
both overcurrent and
short-winding protection
250
350
450
ns
Table 6.
Characteristics …continued
Measurement valid data Tamb =25 °C; no overtemperature; all voltages are measured with respect to ground; currents are
positive when flowing into the IC; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Fig 5.
Typical configuration of SSL1623PH - primary sensing
014aaa347
1
2
3
4
8
7
6
5
SSL1623PH
DRAIN
n.c.
GND
SOURCE
AUX
R4
R3
R2
R1
D2
C6
− Ycap
D1
D5
Z1
C5
CF2
LF
CF1
mains
Vo
RAUX
RI
REG
RC
RRC
CRC
CVCC
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com