Electronic Components Datasheet Search
  English  ▼

X  

74ACT00 Datasheet(PDF) 4 Page - ON Semiconductor

Part # 74ACT00
Description  Quad 2-Input NAND Gate
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74ACT00 Datasheet(HTML) 4 Page - ON Semiconductor

  74ACT00 Datasheet HTML 1Page - ON Semiconductor 74ACT00 Datasheet HTML 2Page - ON Semiconductor 74ACT00 Datasheet HTML 3Page - ON Semiconductor 74ACT00 Datasheet HTML 4Page - ON Semiconductor 74ACT00 Datasheet HTML 5Page - ON Semiconductor 74ACT00 Datasheet HTML 6Page - ON Semiconductor 74ACT00 Datasheet HTML 7Page - ON Semiconductor 74ACT00 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
74AC00, 74ACT00
www.onsemi.com
4
DC ELECTRICAL CHARACTERISTICS FOR ACT
Symbol
Parameter
VCC (V)
Conditions
TA = +25°C
TA = −40°C to +85°C
Unit
Typ.
Guaranteed Limits
VIH
Minimum HIGH Level Input Voltage
4.5
VOUT = 0.1 V or VCC − 0.1 V
1.5
2.0
2.0
V
5.5
1.5
2.0
2.0
VIL
Maximum LOW Level Input Voltage
4.5
VOUT = 0.1 V or VCC − 0.1 V
1.5
0.8
0.8
V
5.5
1.5
0.8
0.8
VOH
Minimum HIGH Level Output Voltage
4.5
IOUT = −50 mA
4.49
4.4
4.4
V
5.5
5.49
5.4
5.4
4.5
VIN = VIL or VIH, IOH = −24 mA
−
3.86
3.76
5.5
VIN = VIL or VIH, IOH = 24 mA
(Note 4)
−
4.86
4.76
VOL
Maximum LOW Level Output Voltage
4.5
IOUT = 50 mA
0.001
0.1
0.1
V
5.5
0.001
0.1
0.1
4.5
VIN = VIL or VIH, IOL = 24 mA
−
0.36
0.44
5.5
VIN = VIL or VIH, IOL= 24 mA
(Note 4)
−
0.36
0.44
IIN
Maximum Input Leakage Current
5.5
VI = VCC, GND
−
±0.1
±1.0
mA
ICCT
Maximum ICC/Input
5.5
VI = VCC − 2.1 V
0.6
−
1.5
mA
IOLD
Minimum Dynamic Output Current
(Note 5)
5.5
VOLD = 1.65 V Max.
−
−
75
mA
IOHD
5.5
VOHD = 3.85 V Min.
−
−
−75
mA
ICC
Maximum Quiescent Supply Current
5.5
VIN = VCC or GND
−
2.0
20.0
mA
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
4. All outputs loaded; thresholds on input associated with output under test.
5. Maximum test duration 2.0 ms, one output loaded at a time.
AC ELECTRICAL CHARACTERISTICS FOR AC
Symbol
Parameter
VCC (V)
(Note 6)
TA = +25°C
CL = 50 pF
TA = −40°C to +85°C
CL = 50 pF
Unit
Min.
Typ.
Max.
Min.
Max.
tPLH
Propagation Delay
3.3
2.0
7.0
9.5
2.0
10.0
ns
5.0
1.5
6.0
8.0
1.5
8.5
tPHL
Propagation Delay
3.3
1.5
5.5
8.0
1.0
8.5
ns
5.0
1.5
4.5
6.5
1.0
7.0
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
6. Voltage range 3.3 is 3.3 V ±0.3 V. Voltage range 5.0 is 5.0 V ±0.5 V.
AC ELECTRICAL CHARACTERISTICS FOR ACT
Symbol
Parameter
VCC (V)
(Note 7)
TA = +25°C
CL = 50 pF
TA = −40°C to +85°C
CL = 50 pF
Unit
Min.
Typ.
Max.
Min.
Max.
tPLH
Propagation Delay
5.0
1.5
5.5
9.0
1.0
9.5
ns
tPHL
Propagation Delay
5.0
1.5
4.0
7.0
1.0
8.0
ns
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
7. Voltage Range 5.0 is 5.0 V ±0.5 V.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com