Electronic Components Datasheet Search
  English  ▼

X  

74ACT00 Datasheet(PDF) 5 Page - ON Semiconductor

Part # 74ACT00
Description  Quad 2-Input NAND Gate
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74ACT00 Datasheet(HTML) 5 Page - ON Semiconductor

  74ACT00 Datasheet HTML 1Page - ON Semiconductor 74ACT00 Datasheet HTML 2Page - ON Semiconductor 74ACT00 Datasheet HTML 3Page - ON Semiconductor 74ACT00 Datasheet HTML 4Page - ON Semiconductor 74ACT00 Datasheet HTML 5Page - ON Semiconductor 74ACT00 Datasheet HTML 6Page - ON Semiconductor 74ACT00 Datasheet HTML 7Page - ON Semiconductor 74ACT00 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
74AC00, 74ACT00
www.onsemi.com
5
CAPATICANCE
Symbol
Parameter
Conditions
Typ.
Unit
CIN
Input Capacitance
VCC = OPEN
4.5
pF
CPD
Power Dissipation Capacitance
VCC = 5.0 V
30.0
pF
ORDERING INFORMATION
Order Number
Package
Shipping (Qty / Packing)†
74AC00SCX
SOIC−14
(Pb−Free/Halogen Free)
2500 / Tape & Reel
74ACT00MTCX
TSSOP−14 WB
(Pb−Free/Halogen Free)
2500 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com