Electronic Components Datasheet Search
  English  ▼

X  

ADM2682EBRIZ Datasheet(PDF) 8 Page - Analog Devices

Part # ADM2682EBRIZ
Description  5 kV rms Signal and Power Isolated RS-485 Transceiver with 짹15 kV ESD Protection
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM2682EBRIZ Datasheet(HTML) 8 Page - Analog Devices

Back Button ADM2682EBRIZ Datasheet HTML 4Page - Analog Devices ADM2682EBRIZ Datasheet HTML 5Page - Analog Devices ADM2682EBRIZ Datasheet HTML 6Page - Analog Devices ADM2682EBRIZ Datasheet HTML 7Page - Analog Devices ADM2682EBRIZ Datasheet HTML 8Page - Analog Devices ADM2682EBRIZ Datasheet HTML 9Page - Analog Devices ADM2682EBRIZ Datasheet HTML 10Page - Analog Devices ADM2682EBRIZ Datasheet HTML 11Page - Analog Devices ADM2682EBRIZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
ADM2682E/ADM2687E
Data Sheet
Rev. C | Page 8 of 24
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
GND1 1
VCC 2
RxD
3
RE
4
GND2
16
VISOIN
15
A
14
B
13
DE
5
Z
12
TxD
6
Y
11
VCC 7
VISOOUT
10
GND1 8
GND2
9
NOTES
1. PIN 10 AND PIN 15 MUST BE
CONNECTED EXTERNALLY.
ADM2682E/
ADM2687E
TOP VIEW
(Not to Scale)
Figure 2. Pin Configuration
Table 10. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
GND1
Ground, Logic Side.
2
VCC
Logic Side Power Supply. It is recommended that a 0.1 µF and a 0.01 µF decoupling capacitor be fitted between
Pin 2 and Pin 1.
3
RxD
Receiver Output Data. This output is high when (A − B) ≥ −30 mV and low when (A − B) ≤ –200 mV. The output is
tristated when the receiver is disabled, that is, when RE is driven high.
4
RE
Receiver Enable Input. This is an active-low input. Driving this input low enables the receiver, while driving it high
disables the receiver.
5
DE
Driver Enable Input. Driving this input high enables the driver, while driving it low disables the driver.
6
TxD
Driver Input. Data to be transmitted by the driver is applied to this input.
7
VCC
Logic Side Power Supply. It is recommended that a 0.1 µF and a 10 µF decoupling capacitor be fitted between
Pin 7 and Pin 8.
8
GND1
Ground, Logic Side.
9
GND2
Ground, Bus Side.
10
VISOOUT
Isolated Power Supply Output. This pin must be connected externally to VISOIN. It is recommended that a reservoir
capacitor of 10 µF and a decoupling capacitor of 0.1 µF be fitted between Pin 10 and Pin 9.
11
Y
Driver Noninverting Output
12
Z
Driver Inverting Output
13
B
Receiver Inverting Input.
14
A
Receiver Noninverting Input.
15
VISOIN
Isolated Power Supply Input. This pin must be connected externally to VISOOUT. It is recommended that a 0.1 µF
and a 0.01 µF decoupling capacitor be fitted between Pin 15 and Pin 16.
16
GND2
Ground, Bus Side.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com