Electronic Components Datasheet Search
  English  ▼

X  

ADM2682EBRIZ Datasheet(PDF) 20 Page - Analog Devices

Part # ADM2682EBRIZ
Description  5 kV rms Signal and Power Isolated RS-485 Transceiver with 짹15 kV ESD Protection
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM2682EBRIZ Datasheet(HTML) 20 Page - Analog Devices

Back Button ADM2682EBRIZ Datasheet HTML 16Page - Analog Devices ADM2682EBRIZ Datasheet HTML 17Page - Analog Devices ADM2682EBRIZ Datasheet HTML 18Page - Analog Devices ADM2682EBRIZ Datasheet HTML 19Page - Analog Devices ADM2682EBRIZ Datasheet HTML 20Page - Analog Devices ADM2682EBRIZ Datasheet HTML 21Page - Analog Devices ADM2682EBRIZ Datasheet HTML 22Page - Analog Devices ADM2682EBRIZ Datasheet HTML 23Page - Analog Devices ADM2682EBRIZ Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
ADM2682E/ADM2687E
Data Sheet
Rev. C | Page 20 of 24
TYPICAL APPLICATIONS
An example application of the ADM2682E/ADM2687E for a full-
duplex RS-485 node is shown in the circuit diagram of Figure 45.
Refer to the PCB Layout section for the recommended placement
of the capacitors shown in this circuit diagram. Placement of
the RT termination resistors depends on the location of the node
and the network configuration. Refer to AN-960 Application Note,
RS-485/RS-422 Circuit Implementation Guide, for guidance on
termination.
Figure 46 and Figure 47 show typical applications of the
ADM2682E/ADM2687E in half duplex and full duplex RS-485
network configurations. Up to 256 transceivers can be connected to
the RS-485 bus. To minimize reflections, terminate the line at
the receiving end in its characteristic impedance and keep stub
lengths off the main line as short as possible. For half-duplex
operation, this means that both ends of the line must be terminated
because either end can be the receiving end.
ADM2682E/ADM2687E
TxD
A
B
Y
Z
DE
RxD
RE
ISOLATION
BARRIER
TRANSCEIVER
GND1
GND1
GND2
ENCODE
ENCODE
ENCODE
DECODE
DECODE
DECODE
D
R
OSCILLATOR
RECTIFIER
REGULATOR
VISOOUT
VCC
VCC
VISOIN
MICROCONTROLLER
AND UART
RT
3.3V/5V POWER
SUPPLY
100nF
10µF
100nF
10nF
100nF
10µF
100nF
10nF
DIGITAL ISOLATION iCoupler
isoPower DC-TO-DC CONVERTER
Figure 45. Example Circuit Diagram Using the ADM2682E/ADM2687E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com