Electronic Components Datasheet Search
  English  ▼

X  

GI810 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # GI810
Description  Glass Passivated Junction Fast Switching Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

GI810 Datasheet(HTML) 2 Page - Vishay Siliconix

  GI810 Datasheet HTML 1Page - Vishay Siliconix GI810 Datasheet HTML 2Page - Vishay Siliconix GI810 Datasheet HTML 3Page - Vishay Siliconix GI810 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
GI810, GI811, GI812, GI814, GI816, GI817, GI818
www.vishay.com
Vishay General Semiconductor
Revision: 13-Jun-16
2
Document Number: 88628
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) Thermal resistance from junction to ambient at 0.375" (9.5 mm) lead length, PCB mounted
RATINGS AND CHARACTERISTICS CURVES (TA = 25 °C unless otherwise noted)
Fig. 1 - Forward Current Derating Curve
Fig. 2 - Maximum Non-repetitive Peak Forward Surge Current
Fig. 3 - Typical Instantaneous Forward Characteristics
Fig. 4 - Typical Reverse Characteristics
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
GI810
GI811
GI812
GI814
GI816
GI817
GI818
UNIT
Typical thermal resistance
RJA (1)
45
°C/W
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
GI816-E3/54
0.425
54
4000
13" diameter paper tape and reel
GI816-E3/73
0.425
73
2000
Ammo pack packaging
Ambient Temperature (°C)
20
40
60
80
100
120
140
160
180
0
0.2
0.4
0.6
0.8
1.0
Resistive or Inductive Load
0.375" (9.5 mm) Lead Length
1
10
100
0
10
20
30
40
Number of Cycles at 60 Hz
T
A = 75 °C
8.3 ms Single Half Sine-Wave
(JEDEC Method)
Instantaneous Forward Voltage (V)
0.4
0.6
1.0
1.2
1.4
1.6
0.01
0.1
1
10
0.8
1.8
T
J = 25 °C
Pulse Width = 300 μs
1 % Duty Cycle
Percent of Rated Peak Reverse Voltage (%)
20
60
80
100
0.01
1
10
100
0.1
40
0
T
J = 125 °C
T
J = 25 °C
T
J = 75 °C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com