Electronic Components Datasheet Search
  English  ▼

X  

ACE11011B Datasheet(PDF) 3 Page - ACE Technology Co., LTD.

Part # ACE11011B
Description  N-Channel Enhancement Mode Power MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE11011B Datasheet(HTML) 3 Page - ACE Technology Co., LTD.

  ACE11011B Datasheet HTML 1Page - ACE Technology Co., LTD. ACE11011B Datasheet HTML 2Page - ACE Technology Co., LTD. ACE11011B Datasheet HTML 3Page - ACE Technology Co., LTD. ACE11011B Datasheet HTML 4Page - ACE Technology Co., LTD. ACE11011B Datasheet HTML 5Page - ACE Technology Co., LTD. ACE11011B Datasheet HTML 6Page - ACE Technology Co., LTD. ACE11011B Datasheet HTML 7Page - ACE Technology Co., LTD. ACE11011B Datasheet HTML 8Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
ACE11011B
N-Channel Enhancement Mode Power MOSFET
VER 1.1
3
Electrical Characteristics
TA=25℃, unless otherwise specified.
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Static
Drain-Source Breakdown Voltage
V
(BR)DSS
V
GS = 0V, ID= 250μA
100
V
Zero Gate Voltage Drain Current
I
DSS
V
DS = 100V, VGS = 0V
1
μA
Gate Threshold Voltage
V
GS(TH)
V
GS = VDS, IDS= 250μA
1
2.1
3
V
Gate Leakage Current
I
GSS
VGS=±20V, VDS=0V
±100
nA
Drain-Source On-state Resistance
R
DS(on)
V
GS = 10V, ID = 20A
4.3
5.5
mΩ
V
GS =6V, ID = 20A
5.2
6.7
V
GS = 4.5V, ID = 20A
6.8
8.7
Diode Forward Voltage
V
SD
ISD= 1A , VGS=0V
0.69
1.2
V
Diode Forward Current *AC
IS
TC =25°C
83
A
Switching
Total Gate Charge
Q
g
VGS=10V ,VDS=50V,
ID=15A
57
nC
Gate-Source Charge
Q
gs
18
Gate-Drain Charge
Q
gd
9
Turn-on Delay Time
t
d ( on )
VGEN=10V,VDD=50V,
RL=3.3
Ω, R
G=1
Ω, I
D=15A
18
ns
Turn-on Rise Time
tr
8
Turn-off Delay Time
t
d( off )
35
Turn-Off Fall Time
tf
6.5
Dynamic
Input Capacitance
Ciss
VDS=50V,VGS=0V,
f=1.0MHz
3720
pF
Output Capacitance
Coss
284
Reverse Transfer Capacitance
Crss
16



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com