Electronic Components Datasheet Search
  English  ▼

X  

ACE11011B Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE11011B
Description  N-Channel Enhancement Mode Power MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE11011B Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE11011B Datasheet HTML 1Page - ACE Technology Co., LTD. ACE11011B Datasheet HTML 2Page - ACE Technology Co., LTD. ACE11011B Datasheet HTML 3Page - ACE Technology Co., LTD. ACE11011B Datasheet HTML 4Page - ACE Technology Co., LTD. ACE11011B Datasheet HTML 5Page - ACE Technology Co., LTD. ACE11011B Datasheet HTML 6Page - ACE Technology Co., LTD. ACE11011B Datasheet HTML 7Page - ACE Technology Co., LTD. ACE11011B Datasheet HTML 8Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
ACE11011B
N-Channel Enhancement Mode Power MOSFET
VER 1.1
1
Description
Notebook AC-in load switch
Battery protection charge/discharge
Features
VDS=100V
ID=83A
RDS(ON)@VGS=10V,TYP 4.3
mΩ
RDS(ON)@VGS=6V,TYP 5.2
mΩ
RDS(ON)@VGS=4.5V,TYP 6.8
mΩ
Absolute Maximum Ratings
Parameter
Symbol
Ratings
Units
Drain-Source Voltage
VDSS
100
V
Gate-Source Voltage
VGSS
±20
V
Drain Current(Continuous)
*AC
TC=25℃
ID
83
A
TC=70℃
66.1
Drain Current(Pulsed)
*B
IDM
200
A
Power Dissipation
TC=25℃
PD
83
W
Operating temperature / storage temperature
TJ/TSTG
-55~150
℃
Note :
A. The value of RθJA is measured with the device mounted on 1in2 FR-4 board with 2oz. Copper, in a still air
environment with TA=25°C. The value in any given application depends on the user's specific board design.
B. Repetitive rating, pulse width limited by junction temperature.
C.
The current rating is based on the t≤ 10s junction to ambient thermal resistance rating
Thermal Resistance Ratings
Parameter
Symbol
Typical
Maximum
Units
Maximum Junction-to-Ambient
t ≤ 10 s
R
thJA
18
23
°C/W
Maximum Junction-to-Case (Drain)
Steady State
R
thJC
1
1.5


Similar Part No. - ACE11011B

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
ACE1101 FAIRCHILD-ACE1101 Datasheet
152Kb / 33P
Arithmetic Controller Engine (ACEx?? for Low Power Applications
logo
ACE Technology Co., LTD...
ACE11013A ACE-ACE11013A Datasheet
348Kb / 7P
P-Channel Enhancement Mode MOSFET
VER 1.1
logo
Fairchild Semiconductor
ACE1101B FAIRCHILD-ACE1101B Datasheet
152Kb / 33P
Arithmetic Controller Engine (ACEx?? for Low Power Applications
ACE1101BE FAIRCHILD-ACE1101BE Datasheet
152Kb / 33P
Arithmetic Controller Engine (ACEx?? for Low Power Applications
ACE1101BEMT8 FAIRCHILD-ACE1101BEMT8 Datasheet
152Kb / 33P
Arithmetic Controller Engine (ACEx?? for Low Power Applications
More results

Similar Description - ACE11011B

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2308E GTM-G2308E Datasheet
330Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE50L02 GTM-GE50L02 Datasheet
258Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE70N03 GTM-GE70N03 Datasheet
299Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com