Electronic Components Datasheet Search
  English  ▼

X  

BY396P Datasheet(PDF) 2 Page - Vishay Siliconix

Part # BY396P
Description  Soft Recovery Fast Switching Plastic Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BY396P Datasheet(HTML) 2 Page - Vishay Siliconix

  BY396P Datasheet HTML 1Page - Vishay Siliconix BY396P Datasheet HTML 2Page - Vishay Siliconix BY396P Datasheet HTML 3Page - Vishay Siliconix BY396P Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Not Available for New Designs, Use RGP30B, RGP30D, RGP30G, RGP30K
BY396P, BY397P, BY398P, BY399P
www.vishay.com
Vishay General Semiconductor
Revision: 24-Jul-13
2
Document Number: 88542
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) Thermal resistance from junction to ambient at 0.375" (9.5 mm) lead length with both leads to heat sink
RATINGS AND CHARACTERISTICS CURVES (TA = 25 °C unless otherwise noted)
Fig. 1 - Forward Current Derating Curve
Fig. 2 - Maximum Non-Repetitive Peak Forward Surge Current
Fig. 3 - Typical Instantaneous Forward Characteristics
Fig. 4 - Typical Reverse Characteristics
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
BY396P
BY397P
BY398P
BY399P
UNIT
Typical thermal resistance
RJA (1)
22
°C/W
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
BY398P-E3/54
1.1
54
1400
13" diameter paper tape and reel
BY398P-E3/73
1.1
73
1000
Ammo pack packaging
Ambient Temperature (°C)
0
20
40
60
80
100
120
140
0
3.0
4.0
2.0
1.0
0.375" (9.5 mm) Lead Length
Resistive or Inductive Load
1
10
100
10
100
200
Number of Cycles at 50 Hz
T
A = 50 °C
10 ms Single Half Sine-Wave
at Rated Load
Instantaneous Forward Voltage (V)
0.4
0.6
1.0
1.2
1.4
1.6
1.8
10
100
1
0.1
0.01
2.0
0.8
T
J = 25 °C
Pulse Width = 300 μs
1 % Duty Cycle
Percent of Rated Peak Reverse Voltage (%)
0
20
40
60
100
0.1
10
1
0.01
80
T
J = 25 °C
T
J = 50 °C
T
J = 100 °C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com