Electronic Components Datasheet Search
  English  ▼

X  

BY396P Datasheet(PDF) 3 Page - Vishay Siliconix

Part # BY396P
Description  Soft Recovery Fast Switching Plastic Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BY396P Datasheet(HTML) 3 Page - Vishay Siliconix

  BY396P Datasheet HTML 1Page - Vishay Siliconix BY396P Datasheet HTML 2Page - Vishay Siliconix BY396P Datasheet HTML 3Page - Vishay Siliconix BY396P Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Not Available for New Designs, Use RGP30B, RGP30D, RGP30G, RGP30K
BY396P, BY397P, BY398P, BY399P
www.vishay.com
Vishay General Semiconductor
Revision: 24-Jul-13
3
Document Number: 88542
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 5 - Typical Junction Capacitance
PACKAGE OUTLINE DIMENSIONS in inches (millimeters)
Reverse Voltage (V)
1
100
10
100
10
T
J = 25 °C
f = 1.0 MHz
V
sig = 50 mVp-p
DO-201AD
0.210 (5.3)
0.190 (4.8)
DIA.
0.052 (1.32)
0.048 (1.22)
DIA.
1.0 (25.4)
MIN.
1.0 (25.4)
MIN.
0.375 (9.5)
0.285 (7.2)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com