Electronic Components Datasheet Search
  English  ▼

X  

GL41D Datasheet(PDF) 1 Page - Vishay Siliconix

Part # GL41D
Description  Surface Mount Glass Passivated Junction Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

GL41D Datasheet(HTML) 1 Page - Vishay Siliconix

  GL41D Datasheet HTML 1Page - Vishay Siliconix GL41D Datasheet HTML 2Page - Vishay Siliconix GL41D Datasheet HTML 3Page - Vishay Siliconix GL41D Datasheet HTML 4Page - Vishay Siliconix GL41D Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
BYM10-50 thru BYM10-1000, GL41A thru GL41Y
www.vishay.com
Vishay General Semiconductor
Revision: 30-Jan-13
1
Document Number: 88546
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Surface Mount Glass Passivated Junction Rectifier
FEATURES
• Superectifier structure for high reliability condition
• Ideal for automated placement
• Low forward voltage drop
• Low leakage current
• High forward surge capability
• Meets environmental standard MIL-S-19500
• Meets MSL level 1, per J-STD-020, LF maximum peak of
250 °C
• AEC-Q101 qualified
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
TYPICAL APPLICATIONS
For use in general purpose rectification of power supplies,
inverters, converters and freewheeling diodes for consumer,
automotive and telecommunication.
MECHANICAL DATA
Case: DO-213AB, molded epoxy over glass body
Molding compound meets UL 94 V-0 flammability rating
Base P/N-E3 - RoHS-compliant, commercial grade
Base P/NHE3 - RoHS-compliant, AEC-Q101 qualified
Terminals:
Matte
tin
plated
leads,
solderable
per
J-STD-002 and JESD 22-B102
E3 suffix meets JESD 201 class 1A whisker test, HE3 suffix
meets JESD 201 class 2 whisker test
Polarity:
Two bands indicate cathode end - 1st band
denotes device type and 2nd band denotes repetitive peak
reverse voltage rating
PRIMARY CHARACTERISTICS
IF(AV)
1.0 A
VRRM
BYM-50-1000
50 V to 1000 V
GL41A-Y
50 V to 1600 V
IFSM
30 A
IR
10 μA
EAS
5 mJ
VF
1.1 V, 1.2 V
TJ max.
175 °C
DO-213AB
SUPERECTIFIER
®
MAXIMUM RATINGS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
BYM
10-50
BYM
10-100
BYM
10-200
BYM
10-400
BYM
10-600
BYM
10-800
BYM
10-1000
UNIT
STANDARD RECOVERY
DEVICE: 1ST BAND IS WHITE
GL41A
GL41B
GL41D
GL41G
GL41J
GL41K
GL41M
GL41T
GL41Y
Polarity color bands (2nd band)
Gray
Red
Orange
Yellow
Green
Blue
Violet
White
Brown
Maximum repetitive peak
reverse voltage
VRRM
50
100
200
400
600
800
1000
1300
1600
V
Maximum RMS voltage
VRMS
35
70
140
280
420
560
700
910
1120
V
Maximum DC blocking voltage
VDC
50
100
200
400
600
800
1000
1300
1600
V
Maximum average forward
rectified current (fig. 1)
IF(AV)
1.0
A
Peak forward surge current
8.3 ms single half sine-wave
IFSM
30
A
Maximum full load reverse
current full cycle average
at TA = 75 °C
IR(AV)
30
μA
Non-repetitive peak reverse
avalanche energy at TJ = 25 °C,
IAS = 1 A, L = 10 mH
EAS
5-
mJ
Operating junction and storage
temperature range
TJ, TSTG
- 65 to + 175
°C


Similar Part No. - GL41D

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
GL41D GE-GL41D Datasheet
62Kb / 2P
SURFACE MOUNT GLASS PASSIVATED JUNCTION RECTIFIER
logo
First Components Intern...
GL41D FCI-GL41D Datasheet
136Kb / 2P
1.0 Amp MEGARECTIFIERS
logo
Galaxy Semi-Conductor H...
GL41D BILIN-GL41D Datasheet
185Kb / 2P
SURFACE MOUNT RECTIFIER
logo
TAITRON Components Inco...
GL41D TAITRON-GL41D Datasheet
245Kb / 6P
1.0A Surface Mount Glass Passivated Rectifier
logo
Vishay Siliconix
GL41D VISHAY-GL41D Datasheet
87Kb / 5P
Surface Mount Glass Passivated Junction Rectifier
15-Mar-11
More results

Similar Description - GL41D

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
GF10A ZOWIE-GF10A Datasheet
63Kb / 2P
SURFACE MOUNT GLASS PASSIVATED JUNCTION RECTIFIER
GF15A ZOWIE-GF15A Datasheet
61Kb / 2P
SURFACE MOUNT GLASS PASSIVATED JUNCTION RECTIFIER
logo
General Semiconductor
GF1A GE-GF1A Datasheet
90Kb / 2P
SURFACE MOUNT GLASS PASSIVATED JUNCTION RECTIFIER
logo
GOOD-ARK Electronics
GN1A GOOD-ARK-GN1A Datasheet
199Kb / 2P
SURFACE MOUNT GLASS PASSIVATED JUNCTION RECTIFIER
logo
MIC GROUP RECTIFIERS
S1A MIC-S1A Datasheet
61Kb / 2P
SURFACE MOUNT GLASS PASSIVATED JUNCTION RECTIFIER
logo
Zowie Technology Corpor...
BYD17Z ZOWIE-BYD17Z Datasheet
83Kb / 2P
SURFACE MOUNT GLASS PASSIVATED JUNCTION RECTIFIER
logo
Vishay Siliconix
BYM10-100-E3 VISHAY-BYM10-100-E3 Datasheet
101Kb / 5P
Surface Mount Glass Passivated Junction Rectifier
26-Jun-06
logo
GOOD-ARK Electronics
GL1X GOOD-ARK-GL1X_15 Datasheet
191Kb / 3P
Surface Mount Glass Passivated Junction Rectifier
logo
DACO SEMICONDUCTOR CO.,...
S3AB DACO-S3AB Datasheet
521Kb / 2P
SURFACE MOUNT GLASS PASSIVATED JUNCTION RECTIFIER
logo
Vishay Siliconix
1N6478 VISHAY-1N6478_V01 Datasheet
85Kb / 5P
Surface-Mount Glass Passivated Junction Rectifier
18-May-2021
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com