Electronic Components Datasheet Search
  English  ▼

X  

GL41D Datasheet(PDF) 3 Page - Vishay Siliconix

Part # GL41D
Description  Surface Mount Glass Passivated Junction Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

GL41D Datasheet(HTML) 3 Page - Vishay Siliconix

  GL41D Datasheet HTML 1Page - Vishay Siliconix GL41D Datasheet HTML 2Page - Vishay Siliconix GL41D Datasheet HTML 3Page - Vishay Siliconix GL41D Datasheet HTML 4Page - Vishay Siliconix GL41D Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
BYM10-50 thru BYM10-1000, GL41A thru GL41Y
www.vishay.com
Vishay General Semiconductor
Revision: 30-Jan-13
3
Document Number: 88546
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
RATINGS AND CHARACTERISTICS CURVES
(TA = 25 °C unless otherwise noted)
Fig. 1 - Forward Current Derating Curve
Fig. 2 - Maximum Non-Repetitive Peak Forward Surge Current
Fig. 3 - Typical Instantaneous Forward Characteristics
Fig. 4 - Maximum Non-Repetitive Peak Forward Surge Current
Fig. 5 - Typical Junction Capacitance
Fig. 6 - Typical Transient Thermal Impedance
25
50
75
100
125
150
175
0
0.25
0.50
0.75
1.0
60 Hz
Resistive or
Inductive Load
Terminal Temperature (°C)
GL41A thru GL41M
GL41T thru GL41Y
1
10
100
10
5.0
15
20
25
30
GL41A thru GL41M
0
Number of Cycles at 60 Hz
T
J = TJ Max.
8.3 ms Single Half Sine-Wave
0.4
0.6
0.8
1.0
1.2
1.4
1.6
10
1
0.1
0.01
T
J = 25 °C
Pulse Width = 300 µs
1 % Duty Cycle
Instantaneous Forward Voltage (V)
GL41A thru GL41J
GL41K thru GL41Y
0
20
40
60
80
100
0.01
0.1
1
10
T
J = 100 °C
T
J = 25 °C
Percent of Rated Peak Reverse Voltage (%)
1
10
100
10
1
100
Reverse Voltage (V)
T
J = 25 °C
f = 1.0 MHz
V
sig = 50 mVp-p
0.01
0.1
10
1
100
0.1
10
100
1
Mounted on 0.20" x 0.27" (5 mm x 7 mm)
Copper Pad Areas
(
t - Pulse Duration (s)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com